Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4007EGN Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4007EGN
Description  4A, High Efficiency, Standalone Li-Ion Battery Charger
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4007EGN Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4007EGN Datasheet HTML 2Page - Linear Technology LTC4007EGN Datasheet HTML 3Page - Linear Technology LTC4007EGN Datasheet HTML 4Page - Linear Technology LTC4007EGN Datasheet HTML 5Page - Linear Technology LTC4007EGN Datasheet HTML 6Page - Linear Technology LTC4007EGN Datasheet HTML 7Page - Linear Technology LTC4007EGN Datasheet HTML 8Page - Linear Technology LTC4007EGN Datasheet HTML 9Page - Linear Technology LTC4007EGN Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
6
LTC4007
4007fa
PI FU CTIO S
DCIN (Pin 1): External DC Power Source Input. Bypass
this pin with at least 0.01
µF. See Applications Information.
CHG (Pin 2): Charge Status Output. When the battery is
being charged, the CHG pin is pulled low by an internal
N-channel MOSFET. Internal 10
µA pull-up to 3.5V. If
VLOGIC is greater than 3.3V, add an external pull-up. The
timer function can be defeated by forcing this pin below 1V
(or connecting it to GND).
ACP(Pin 3): Open-Drain output to indicate if the AC
adapter voltage is adequate for charging. This pin is pulled
low by an internal N-channel MOSFET if DCIN is below
BAT. A pull-up resistor is required. The pin is capable of
sinking at least 100
µA.
RT (Pin 4): Timer Resistor. The timer period is set by
placing a resistor, RRT , to GND. This resistor is always
required.
The timer period is tTIMER = (1hour • RRT/154K).
If this resistor is not present, the charger will not start.
FAULT (Pin 5): Active low open-drain output that indi-
cates charger operation has stopped due to a low-battery
conditioning error, or that charger operation is suspended
due to the thermistor exceeding allowed values. A pull-up
resistor is required if this function is used. The pin is
capable of sinking at least 100
µA.
GND (Pin 6): Ground for Low Power Circuitry.
3C4C (Pin 7): Select 3-cell or 4-cell float voltage by
connecting this pin to GND or open, respectively. Internal
14
µA pull-up to 5.3V. This pin can also be driven with
open-collector/drain logic levels. High: 4 cell. Low: 3 cell.
LOBAT (Pin 8): Low-Battery Indicator. Active low digital
output. Internal 10
µA pull-up to 3.5V. If the battery
voltage is below 2.5V/cell (or 2.44V/cell for 4.1V chemis-
try batteries) LOBAT will be low. The pin is capable of
sinking at least 100
µA. If VLOGIC is greater than 3.3V, add
an external pull-up.
NTC (Pin 9): A thermistor network is connected from NTC
to GND. This pin determines if the battery temperature is
safe for charging. The charger and timer are suspended
and the FAULT pin is driven low if the thermistor indicates
a temperature that is unsafe for charging. The thermistor
function may be disabled with a 300k to 500k resistor from
DCIN to NTC.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency at 19VDC VIN
Efficiency at 12.6V with 15VDC VIN
CHARGE CURRENT (A)
1.00
0.50
1.50
2.00
2.50
3.00
4007 G10
16.8V
12.6V
100
95
90
85
80
75
CHARGE CURRENT (A)
1.00
0.50
1.50
2.00
2.50
3.00
4007 G11
100
95
90
85
80
75


Similar Part No. - LTC4007EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4007EGN LINER-LTC4007EGN Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
More results

Similar Description - LTC4007EGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4006 LINER-LTC4006 Datasheet
219Kb / 16P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_15 Datasheet
272Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4006 LINER-LTC4006_1 Datasheet
266Kb / 20P
   4A, High Efficiency, Standalone Li-Ion Battery Charger
LTC4007 LINER-LTC4007 Datasheet
241Kb / 20P
   4A, High Efficiency, Standalone Li Battery Charger
LTC4007-1 LINER-LTC4007-1_15 Datasheet
280Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007-1 LINER-LTC4007-1 Datasheet
274Kb / 24P
   4A, High Efficiency, Li-Ion Battery Charger
LTC4007 LINER-LTC4007_15 Datasheet
231Kb / 24P
   4A, High Effi ciency, Standalone Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
   Standalone Li-ion Battery Charger
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
   Standalone Li-ion Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com