Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDU-20-250 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PDU-20-250
Description  0 POWER DIVIDERS/ COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDU-20-250 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PDU-20-250 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PDU-20-250 Outline
PDG-20-250 Outline
PDG & PDU-20-250
0 POWER DIVIDERS/ COMBINERS
5 to 500 MHz / 2-Way / Ultra Miniature / High Output Isolation / Low Insertion Loss / SMA
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Frequency
Frequency
Isolation,
Insertion
Phase
Amplitude
VSWR
Model
Range,
Performance,
dB,
Loss, dB,
Balance
Balance, dB,
In/Output
Number
MHz
MHz
Min.
Typ. Max.
Typ. Max. Typ. Max.
Typ.
Max.
Typ.
PDU-20-250
5 - 500
5 - 500
25
30
0.7
0.5
0.2
0.1
1.35:1
1.2:1
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Impedance:
50
Ω nom.
Internal Load Dissip.:
250 mW max.
CW Input Power:
1 Watt max
(When used as divider with 1.2:1 VSWRout)
Weight, nominal:
0.32 oz. (9 g)
Operating Temperature: -- 55° to + 85°C
NOTES:
1. Tolerance on 3 place decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
General Notes:
1. The PDG-20-250 and PDU-20-
250 2-way Power Dividers/Combin-
ers cover a broad frequency range
from 5 MHz to 500 MHz using a
special high performance lumped
element design to reduce overall
size.
2. These units are suited for con-
nectorized applications where an
ultra-miniature package is essen-
tial.
24May96


Similar Part No. - PDU-20-250

ManufacturerPart #DatasheetDescription
logo
Data Delay Devices, Inc...
PDU-1316 DATADELAY-PDU-1316 Datasheet
84Kb / 1P
   Digitally Programmable Delay Units
PDU-1316-.5 DATADELAY-PDU-1316-.5 Datasheet
84Kb / 1P
   Digitally Programmable Delay Units
PDU-1316-1 DATADELAY-PDU-1316-1 Datasheet
84Kb / 1P
   Digitally Programmable Delay Units
PDU-1316-10 DATADELAY-PDU-1316-10 Datasheet
84Kb / 1P
   Digitally Programmable Delay Units
PDU-1316-100 DATADELAY-PDU-1316-100 Datasheet
84Kb / 1P
   Digitally Programmable Delay Units
More results

Similar Description - PDU-20-250

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDG-3B-150 MERRIMAC-PDG-3B-150 Datasheet
82Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-25R-8.8G MERRIMAC-PDM-25R-8.8G Datasheet
511Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDM-84-5G MERRIMAC-PDM-84-5G Datasheet
66Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-40A-100 MERRIMAC-PDML-40A-100 Datasheet
73Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-60-150 MERRIMAC-PDML-60-150 Datasheet
72Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDF-5C-50 MERRIMAC-PDF-5C-50 Datasheet
49Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDM-30-50 MERRIMAC-PDM-30-50 Datasheet
147Kb / 2P
   0 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com