Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDF-2A-50SQ Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PDF-2A-50SQ
Description  PDF-2A-50SQ
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDF-2A-50SQ Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PDF-2A-50SQ Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0° DIVIDERS / COMBINERS
PDF-2A-50 SQ
Merrimac Industries, RF & Microwave Products Division / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 973.575.1300 / Fax: 973.575.0531 / Internet: www.Merrimacind.com
TECHNICAL DESCRIPTION / APPLICATION
• SPACE QUALIFIED
• 1 - 100 MHz
• 2 WAY FLATPACK
PACKAGE OUTLINE
REV: 002, 08/23/01
MODEL
NUMBER
FREQUENCY
RANGE
ISOLATION
dB
INSERTION LOSS
dB
AMPLITUDE
BALANCE dB
PHASE BALANCE
VSWR
INPUT/ OUTPUT
MHz
MIN.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
MAX.
TYP.
PDF-2A-50 SQ
1 - 100
30
35
0.7
0.5
0.15
0.1
1.3:1
1.2:1
INPUT POWER MAX
COUPLING
IMPEDANCE
INTERNAL POWER DISSIPATION
WEIGHT
OPERATING TEMPERATURE
NOM.
NOM.
MAX.
MAX.
1 W
3.0 dB
50 OHM
50 mW
2.8 g
-55° to +85 ° C
GENERAL SPECIFICATIONS
The PDF-2A-50 SQ 2 way power divider/combiner covers a frequency range of 1 to 100 MHz using a
special lumped element design to reduce the size while maintaining high performance. This device has been
designed in accordance with Merrimac document CENG-0001, “Standard Design Requirements for Space
Qualified Devices”.


Similar Part No. - PDF-2A-50SQ

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-2A-50 MERRIMAC-PDF-2A-50 Datasheet
85Kb / 1P
   0 POWER DIVIDERS / COMBINERS
More results

Similar Description - PDF-2A-50SQ

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
FAM_FILE0000004 KEMET-FAM_FILE0000004 Datasheet
140Kb / 1P
   SEE PDF
logo
Wurth Elektronik GmbH &...
7447797300 WURTH-7447797300 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
7447798910 WURTH-7447798910 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797250 WURTH-7447797250 Datasheet
214Kb / 4P
   POWER-CHOKE WE-PDF
7447797050 WURTH-7447797050 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797620 WURTH-7447797620 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798110 WURTH-7447798110 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798151 WURTH-7447798151 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447798221 WURTH-7447798221 Datasheet
148Kb / 4P
   POWER-CHOKE WE-PDF
7447797360 WURTH-7447797360 Datasheet
149Kb / 4P
   POWER-CHOKE WE-PDF
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com