Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDF-2A-1000 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # PDF-2A-1000
Description  0 POWER DIVIDERS / COMBINERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDF-2A-1000 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  PDF-2A-1000 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Package Outline
PDF-2A Series
0 POWER DIVIDERS / COMBINERS
50 kHz to 4 GHz / 2-Way / Low Insertion Loss / Microstrip & Lumped Element Lumped Designs
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
PRINCIPAL SPECIFICATIONS
Frequency
Freq.
Isolation,
Insertion
Phase
Amplitude
VSWR
Input
Model
Range,
Perform.,
dB,
Loss, dB,
Balance,
Bal., dB, (In/Output)
Power*,
Number
MHz
MHz
Min. Typ. Max. Typ. Max. Typ. Max. Typ. Max.
Typ.
Max.
PDF-2A-50
.05 - 100
.05 - 100
30
35
0.7
0.4
0.15
0.1 1.3:1
1.15:1
1W
PDF-2A-100
2 - 200
2 - 10
25
30
0.5
0.25
0.15
0.1 1.3:1
1.15:1
1W
10 - 200
30
35
0.5
0.25
0.15
0.1 1.3:1
1.15:1
1W
PDF-2A-250
10 - 500
10 - 500
25
30
0.7
0.4
0.2
0.1 1.3:1
1.2:1
1W
PDF-2A-550
30 - 1000
30 - 1000 20
25
1.0
0.5
0.2
0.1 1.4:1
1.2:1 250 mW
PDF-2A-1000
20 - 2000
20 - 1000 20
25
1.1
0.7
0.3
0.2 1.5:1
1.3:1 250 mW
1000 - 1500 18
20
1.3
1.0
0.4
0.3 1.6:1
1.4:1 250 mW
1500 - 2000 12
18
2.0
1.5
0.6
0.5 1.8:1
1.5:1 250 mW
PDF-2A-***B
1500 to 4000
±10% fo 15
20
1.0
0.5
0.5
0.2 1.7:1
1.3:1
1W
*** for complete part number replace *** with center frequency of band desired
* CW power input when used as divider with 1.2:1 VSWRout
GENERAL SPECIFICATIONS
Coupling:
-- 3 dB nom.
Impedance:
50
Ω nom.
Weight, nominal:
0.1 oz. (2.8 g)
Internal Dissipation:
50 mW max.
Operating Temp:
-- 55° to +85°C
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. All unmarked pins are case ground.
4. Dimensions marked with * apply at
body only.


Similar Part No. - PDF-2A-1000

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-2A-1000SQ MERRIMAC-PDF-2A-1000SQ Datasheet
92Kb / 1P
   0째 DIVIDERS / COMBINERS
More results

Similar Description - PDF-2A-1000

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDF-4E-20 MERRIMAC-PDF-4E-20 Datasheet
885Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-30A-100 MERRIMAC-PDML-30A-100 Datasheet
76Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDU-20-250 MERRIMAC-PDU-20-250 Datasheet
86Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDG-3B-150 MERRIMAC-PDG-3B-150 Datasheet
82Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDM-25R-8.8G MERRIMAC-PDM-25R-8.8G Datasheet
511Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDM-84-5G MERRIMAC-PDM-84-5G Datasheet
66Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PDML-40A-100 MERRIMAC-PDML-40A-100 Datasheet
73Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDML-60-150 MERRIMAC-PDML-60-150 Datasheet
72Kb / 1P
   0 POWER DIVIDERS / COMBINERS
PD-40-100 MERRIMAC-PD-40-100 Datasheet
74Kb / 1P
   0 POWER DIVIDERS/COMBINERS
PDF-5C-50 MERRIMAC-PDF-5C-50 Datasheet
49Kb / 1P
   0 POWER DIVIDERS/ COMBINERS
PDM-30-50 MERRIMAC-PDM-30-50 Datasheet
147Kb / 2P
   0 POWER DIVIDERS / COMBINERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com