Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDD-2Z-2.0G Datasheet(PDF) 4 Page - Merrimac Industries, Inc.

Part # PDD-2Z-2.0G
Description  2-WAY POWER DIVIDERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

PDD-2Z-2.0G Datasheet(HTML) 4 Page - Merrimac Industries, Inc.

  PDD-2Z-2.0G Datasheet HTML 1Page - Merrimac Industries, Inc. PDD-2Z-2.0G Datasheet HTML 2Page - Merrimac Industries, Inc. PDD-2Z-2.0G Datasheet HTML 3Page - Merrimac Industries, Inc. PDD-2Z-2.0G Datasheet HTML 4Page - Merrimac Industries, Inc. PDD-2Z-2.0G Datasheet HTML 5Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL PERFORMANCE
THE MULTI-MIX MICROTECHNOLOGY
® GROUP IS ISO-9001 REGISTERED
Amplitude and Phase Balance
-1
-0.5
0
0.5
1
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-2
-1
0
1
2
Amplitude Balance
Phase Balance
Transmission and Insertion Loss
-4
-3.8
-3.6
-3.4
-3.2
-3
-2.8
1700
1750
1800
1850
1900
1950
2000
Frequency (MHz)
-0.8
-0.6
-0.4
-0.2
0
IN_OUT_ 1
IN_OUT_ 2
IL
Merrimac Industries / 41 Fairfield Place, West Caldwell, NJ 07006
Tel: 1.888.434.6636 / Fax: 973.882.5990 / Email: pico@merrimacind.com / www.Multi-Mix.com


Similar Part No. - PDD-2Z-2.0G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDD-2Z-1.7G MERRIMAC-PDD-2Z-1.7G Datasheet
143Kb / 5P
   2-WAY POWER DIVIDERS
More results

Similar Description - PDD-2Z-2.0G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
PDD-3X-1.5G MERRIMAC-PDD-3X-1.5G Datasheet
162Kb / 5P
   2-WAY POWER DIVIDERS
logo
Anaren Microwave
4J0265 ANAREN-4J0265_14 Datasheet
222Kb / 4P
   Power Dividers 2-Way
4J0266 ANAREN-4J0266_14 Datasheet
154Kb / 4P
   Power Dividers 2-Way
4E0265 ANAREN-4E0265_14 Datasheet
150Kb / 4P
   Power Dividers 2-Way
40257 ANAREN-40257 Datasheet
187Kb / 1P
   Power Dividers 2-Way
logo
Merrimac Industries, In...
PDD-2Z-1.7G MERRIMAC-PDD-2Z-1.7G Datasheet
143Kb / 5P
   2-WAY POWER DIVIDERS
logo
SYNERGY MICROWAVE CORPO...
SPD-C2 SYNERGY-SPD-C2 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
logo
M/A-COM Technology Solu...
M3V-50 MA-COM-M3V-50_15 Datasheet
66Kb / 2P
   Three-Way Power Dividers
M3V-50 MA-COM-M3V-50 Datasheet
66Kb / 2P
   Three-Way Power Dividers
logo
Anaren Microwave
4A0279 ANAREN-4A0279_14 Datasheet
202Kb / 4P
   Power Dividers 4-Way
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com