Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD4508B Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part No. CD4508B
Description  CMOS DUAL 4-BIT LATCH
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

CD4508B Datasheet(HTML) 5 Page - Texas Instruments

 
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4508BD3
ACTIVE
CDIP SB
JD
24
1
None
Call TI
Level-NC-NC-NC
CD4508BE
ACTIVE
PDIP
N
24
15
Pb-Free
(RoHS)
CU NIPDAU
Level-NC-NC-NC
CD4508BF3A
ACTIVE
CDIP
J
24
1
None
Call TI
Level-NC-NC-NC
CD4508BM
ACTIVE
SOIC
DW
24
25
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
CD4508BM96
ACTIVE
SOIC
DW
24
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-250C-1 YEAR/
Level-1-235C-UNLIM
CD4508BNSR
ACTIVE
SO
NS
24
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-2-260C-1 YEAR/
Level-1-235C-UNLIM
CD4508BPW
ACTIVE
TSSOP
PW
24
60
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
CD4508BPWR
ACTIVE
TSSOP
PW
24
2000
Pb-Free
(RoHS)
CU NIPDAU
Level-1-250C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CD4508BMSCMOS Dual 4-Bit Latch 1 2 3 4 5 MoreIntersil Corporation
CD4512BMSCMOS Dual 4-Bit Latch 1 2 3 4 5 MoreIntersil Corporation
IN74HC75ADual 2-Bit Transparent Latch High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
9308Dual 4-Bit Latch 1 2 3 4 5 MoreNational Semiconductor (TI)
CD4514BCMOS 4-BIT LATCH/4-TO-16 LINE DECODERS 1 2 3 4 5 MoreTexas Instruments
93L08Dual 4-Bit Latch 1 2 3 4 National Semiconductor (TI)
IN74HC4015Dual 4-Bit Shift Register High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
CD4723BMDual 4-Bit 8-Bit Addressable Latch 1 2 3 4 5 MoreNational Semiconductor (TI)
54LS256Dual 4-Bit Addressable Latch 1 2 3 4 5 MoreNational Semiconductor (TI)
SN54LS256DUAL 4-BIT ADDRESSABLE LATCH 1 2 3 4 5 MoreMotorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn