Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4093BEE4 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # CD4093BEE4
Description  CMOS QUAD 2-INPUT NAND SCHMITT TRIGGERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4093BEE4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CD4093BEE4 Datasheet HTML 4Page - Texas Instruments CD4093BEE4 Datasheet HTML 5Page - Texas Instruments CD4093BEE4 Datasheet HTML 6Page - Texas Instruments CD4093BEE4 Datasheet HTML 7Page - Texas Instruments CD4093BEE4 Datasheet HTML 8Page - Texas Instruments CD4093BEE4 Datasheet HTML 9Page - Texas Instruments CD4093BEE4 Datasheet HTML 10Page - Texas Instruments CD4093BEE4 Datasheet HTML 11Page - Texas Instruments CD4093BEE4 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4093BEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4093BEE4 TI1-CD4093BEE4 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
More results

Similar Description - CD4093BEE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4093B TI1-CD4093B_15 Datasheet
978Kb / 17P
[Old version datasheet]   CMOS Quad 2-Input NAND Schmitt Triggers
logo
Intersil Corporation
CD4093BMS INTERSIL-CD4093BMS Datasheet
77Kb / 9P
   CMOS Quad 2-Input NAND Schmitt Triggers
December 1992
logo
System Logic Semiconduc...
SL4093B SLS-SL4093B Datasheet
37Kb / 5P
   Quad 2-Input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A Datasheet
68Kb / 9P
   Quad. 2-input NAND Schmitt-triggers
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP_07 Datasheet
265Kb / 8P
   Quad 2-Input NAND Schmitt Triggers
logo
Micro Electronics
MMC4093 MICRO-ELECTRONICS-MMC4093 Datasheet
133Kb / 4P
   QUAD 2 INPUT NAND SCHMITT TRIGGERS
logo
Toshiba Semiconductor
TC4093BP TOSHIBA-TC4093BP Datasheet
222Kb / 5P
   QUAD 2-INPUT NAND SCHMITT TRIGGERS
logo
Hitachi Semiconductor
HD74LV132A HITACHI-HD74LV132A Datasheet
52Kb / 13P
   Quad. 2-input NAND Schmitt-triggers
HD74HC132 HITACHI-HD74HC132 Datasheet
41Kb / 7P
   Quad. 2-input NAND Schmitt Triggers
logo
Renesas Technology Corp
HD74LV132A RENESAS-HD74LV132A_15 Datasheet
92Kb / 11P
   Quad. 2-input NAND Schmitt-triggers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com