Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L293DWPTR Datasheet(PDF) 5 Page - Texas Instruments

Part # L293DWPTR
Description  QUADRUPLE HALF-H DRIVER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

L293DWPTR Datasheet(HTML) 5 Page - Texas Instruments

  L293DWPTR Datasheet HTML 1Page - Texas Instruments L293DWPTR Datasheet HTML 2Page - Texas Instruments L293DWPTR Datasheet HTML 3Page - Texas Instruments L293DWPTR Datasheet HTML 4Page - Texas Instruments L293DWPTR Datasheet HTML 5Page - Texas Instruments L293DWPTR Datasheet HTML 6Page - Texas Instruments L293DWPTR Datasheet HTML 7Page - Texas Instruments L293DWPTR Datasheet HTML 8Page - Texas Instruments L293DWPTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
L293, L293D
QUADRUPLE HALFH DRIVERS
SLRS008C − SEPTEMBER 1986 − REVISED NOVEMBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
Supply voltage
VCC1
4.5
7
V
Supply voltage
VCC2
VCC1
36
V
VIH
High-level input voltage
VCC1 ≤ 7 V
2.3
VCC1
V
VIH
High-level input voltage
VCC1 ≥ 7 V
2.3
7
V
VIL
Low-level output voltage
−0.3†
1.5
V
TA
Operating free-air temperature
0
70
°C
† The algebraic convention, in which the least positive (most negative) designated minimum, is used in this data sheet for logic voltage levels.
electrical characteristics, VCC1 = 5 V, VCC2 = 24 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
L293: IOH = −1 A
L293D: IOH = − 0.6 A
VCC2 − 1.8 VCC2 − 1.4
V
VOL
Low-level output voltage
L293: IOL = 1 A
L293D: IOL = 0.6 A
1.2
1.8
V
VOKH
High-level output clamp voltage
L293D: IOK = − 0.6 A
VCC2 + 1.3
V
VOKL
Low-level output clamp voltage
L293D: IOK = 0.6 A
1.3
V
IIH
High-level input current
A
VI = 7 V
0.2
100
A
IIH
High-level input current
EN
VI = 7 V
0.2
10
µA
IIL
Low-level input current
A
VI = 0
−3
−10
A
IIL
Low-level input current
EN
VI = 0
−2
−100
µA
All outputs at high level
13
22
ICC1
Logic supply current
IO = 0
All outputs at low level
35
60
mA
ICC1
Logic supply current
IO = 0
All outputs at high impedance
8
24
mA
All outputs at high level
14
24
ICC2
Output supply current
IO = 0
All outputs at low level
2
6
mA
ICC2
Output supply current
IO = 0
All outputs at high impedance
2
4
mA
switching characteristics, VCC1 = 5 V, VCC2 = 24 V, TA = 25°C
PARAMETER
TEST CONDITIONS
L293NE, L293DNE
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from A input
800
ns
tPHL
Propagation delay time, high-to-low-level output from A input
CL = 30 pF, See Figure 1
400
ns
tTLH
Transition time, low-to-high-level output
CL = 30 pF, See Figure 1
300
ns
tTHL
Transition time, high-to-low-level output
300
ns
switching characteristics, VCC1 = 5 V, VCC2 = 24 V, TA = 25°C
PARAMETER
TEST CONDITIONS
L293DWP, L293N
L293DN
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output from A input
750
ns
tPHL
Propagation delay time, high-to-low-level output from A input
CL = 30 pF, See Figure 1
200
ns
tTLH
Transition time, low-to-high-level output
CL = 30 pF, See Figure 1
100
ns
tTHL
Transition time, high-to-low-level output
350
ns


Similar Part No. - L293DWPTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
L293DWPTR TI-L293DWPTR Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
L293DWPTR TI1-L293DWPTR Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
More results

Similar Description - L293DWPTR

ManufacturerPart #DatasheetDescription
logo
Sensitron
SCP-3337 SENSITRON-SCP-3337 Datasheet
51Kb / 3P
   QUADRUPLE HALF-H DRIVER
logo
Texas Instruments
SN754410 TI-SN754410 Datasheet
109Kb / 7P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
SN754410 TI-SN754410_06 Datasheet
166Kb / 9P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
TIL293D TI-TIL293D Datasheet
93Kb / 5P
[Old version datasheet]   QUADRUPLE HALF-H DRIVER
L293N TI-L293N Datasheet
495Kb / 18P
[Old version datasheet]   QUADRUPLE HALF-H DRIVERS
L293D TI1-L293D_16 Datasheet
501Kb / 21P
[Old version datasheet]   Quadruple Half-H Drivers
DRV8313EVM TI1-DRV8313EVM Datasheet
871Kb / 18P
[Old version datasheet]   DRV8313 TRIPLE HALF-H-BRIDGE DRIVER IC
logo
Infineon Technologies A...
TLE7181EM INFINEON-TLE7181EM Datasheet
642Kb / 29P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
TLE7182EM INFINEON-TLE7182EM Datasheet
604Kb / 28P
   H-Bridge and Dual Half Bridge Driver IC
Rev 1.1, Sept. 2010
logo
Monolithic Power System...
EV6514-G-00A MPS-EV6514-G-00A Datasheet
322Kb / 5P
   0.6A, 14V Half H-bridge Motor Driver Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com