Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4098B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD4098B
Description  CMOS DUAL MONASTABLE MULTIVIBRATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4098B Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4098B Datasheet HTML 3Page - Texas Instruments CD4098B Datasheet HTML 4Page - Texas Instruments CD4098B Datasheet HTML 5Page - Texas Instruments CD4098B Datasheet HTML 6Page - Texas Instruments CD4098B Datasheet HTML 7Page - Texas Instruments CD4098B Datasheet HTML 8Page - Texas Instruments CD4098B Datasheet HTML 9Page - Texas Instruments CD4098B Datasheet HTML 10Page - Texas Instruments CD4098B Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4098B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4098B TI1-CD4098B Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098B-MIL TI1-CD4098B-MIL Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098BE TI1-CD4098BE Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098BEE4 TI1-CD4098BEE4 Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
CD4098BF TI1-CD4098BF Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
More results

Similar Description - CD4098B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD4098BMS RENESAS-CD4098BMS Datasheet
410Kb / 11P
   CMOS Dual Monostable Multivibrator
December 1992
logo
Intersil Corporation
CD4098BMS INTERSIL-CD4098BMS Datasheet
105Kb / 11P
   CMOS Dual Monostable Multivibrator
December 1992
logo
Texas Instruments
CD4098B TI1-CD4098B_15 Datasheet
948Kb / 16P
[Old version datasheet]   CMOS Dual Monostable Multivibrator
logo
Renesas Technology Corp
CD14538BMS RENESAS-CD14538BMS Datasheet
577Kb / 10P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538 TI-CD14538 Datasheet
638Kb / 14P
[Old version datasheet]   CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
CD14538B TI-CD14538B Datasheet
341Kb / 8P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
IK Semicon Co., Ltd
IW4528B IKSEMICON-IW4528B Datasheet
220Kb / 6P
   Dual Monostable Multivibrator High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com