Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-14506 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-14506
Description  T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-14506 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-14506 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Transformers & Magnetic Products
Industries Inc.
1 OF 1
10/02/00
T-14506
T1/CEPT/ISDN PRI
INTERFACE
TRANSFORMER
www.rhombus-ind.com
Tape and Reel available.
Parts shipped in anti-static
tubes. 29 pieces per tube
Dimensions in inches (mm)
.550 (13.97)
.520 (13.21)
MAX.
.456
(11.58)
.040
(1.02)
TYP.
.010
(0.25)
TYP.
.340
(8.64)
MAX.
MAX.
.650
(16.51)
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.040
(1.02)
TYP.
Flammability: Materials used in
the production of these units
meet requirements of UL94-VO
and IEC 695-2-2 needle flame
test.
1500 V
RMS Isolation (Hi-Pot)
1
2
3
12
11
10
4
5
6
9
8
7
SCHEMATIC DIAGRAM
PARAMETER
MIN.
MAX.
UNITS
OCL (Primary)
1.2
mH
Leakage Inductance
0.6
µH
Capacitance (C
W/W)
35
pF
Primary DC Resistance
0.90
ohms
Secondary DC Resistance
1.2
ohms
ET Product
10
V
µS
Turns Ratio ( + 2% )
1CT : 1CT & 1CT : 2CT
Operating Temperature Range: -400C to +850C
Primary Pins 1-3 & 4-6


Similar Part No. - T-14506

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14500 RHOMBUS-IND-T-14500 Datasheet
25Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14501 RHOMBUS-IND-T-14501 Datasheet
25Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14502 RHOMBUS-IND-T-14502 Datasheet
25Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14503 RHOMBUS-IND-T-14503 Datasheet
25Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14504 RHOMBUS-IND-T-14504 Datasheet
24Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
More results

Similar Description - T-14506

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-14404 RHOMBUS-IND-T-14404 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-10151 RHOMBUS-IND-T-10151 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-14119 RHOMBUS-IND-T-14119 Datasheet
30Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14187 RHOMBUS-IND-T-14187 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14107 RHOMBUS-IND-T-14107 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14110 RHOMBUS-IND-T-14110 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI Interface Transformer
T-14505 RHOMBUS-IND-T-14505 Datasheet
24Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15801G RHOMBUS-IND-T-15801G Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15808 RHOMBUS-IND-T-15808 Datasheet
25Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15808G RHOMBUS-IND-T-15808G Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-15810 RHOMBUS-IND-T-15810 Datasheet
26Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com