Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4076B Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # CD4076B
Description  CMOS 4-BIT D-TYPE REGISTERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4076B Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4076B Datasheet HTML 3Page - Texas Instruments CD4076B Datasheet HTML 4Page - Texas Instruments CD4076B Datasheet HTML 5Page - Texas Instruments CD4076B Datasheet HTML 6Page - Texas Instruments CD4076B Datasheet HTML 7Page - Texas Instruments CD4076B Datasheet HTML 8Page - Texas Instruments CD4076B Datasheet HTML 9Page - Texas Instruments CD4076B Datasheet HTML 10Page - Texas Instruments CD4076B Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD4076B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4076B TI1-CD4076B Datasheet
566Kb / 13P
[Old version datasheet]   CMOS 4-Bit D-type Registers
CD4076B-MIL TI1-CD4076B-MIL Datasheet
566Kb / 13P
[Old version datasheet]   CMOS 4-Bit D-type Registers
CD4076BE TI1-CD4076BE Datasheet
566Kb / 13P
[Old version datasheet]   CMOS 4-Bit D-type Registers
CD4076BEE4 TI1-CD4076BEE4 Datasheet
566Kb / 13P
[Old version datasheet]   CMOS 4-Bit D-type Registers
CD4076BF TI1-CD4076BF Datasheet
566Kb / 13P
[Old version datasheet]   CMOS 4-Bit D-type Registers
More results

Similar Description - CD4076B

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CD4076BMS INTERSIL-CD4076BMS Datasheet
78Kb / 9P
   CMOS 4 -Bit D-Type Registers
December 1992
logo
Texas Instruments
CD4076B TI1-CD4076B_15 Datasheet
566Kb / 13P
[Old version datasheet]   CMOS 4-Bit D-type Registers
logo
Renesas Technology Corp
CD4076BMS RENESAS-CD4076BMS Datasheet
357Kb / 9P
   CMOS 4 -Bit D-Type Registers
December 1992
logo
STMicroelectronics
HCF4076B STMICROELECTRONICS-HCF4076B_02 Datasheet
217Kb / 9P
   4 BIT D TYPE REGISTERS
HCC4076B STMICROELECTRONICS-HCC4076B Datasheet
290Kb / 13P
   4 BIT D TYPE REGISTERS
logo
Texas Instruments
SN54173 TI1-SN54173_15 Datasheet
497Kb / 20P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
SN54173 TI-SN54173 Datasheet
562Kb / 19P
[Old version datasheet]   4-BIT D-TYPE REGISTERS WITH 3-STATE OUTPUTS
logo
National Semiconductor ...
MM54C195 NSC-MM54C195 Datasheet
127Kb / 6P
   4-Bit Registers
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
logo
Texas Instruments
SN5494 TI-SN5494 Datasheet
159Kb / 4P
[Old version datasheet]   4-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com