Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4051BNS Datasheet(PDF) 10 Page - Texas Instruments

Part # CD4051BNS
Description  CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4051BNS Datasheet(HTML) 10 Page - Texas Instruments

Back Button CD4051BNS Datasheet HTML 6Page - Texas Instruments CD4051BNS Datasheet HTML 7Page - Texas Instruments CD4051BNS Datasheet HTML 8Page - Texas Instruments CD4051BNS Datasheet HTML 9Page - Texas Instruments CD4051BNS Datasheet HTML 10Page - Texas Instruments CD4051BNS Datasheet HTML 11Page - Texas Instruments CD4051BNS Datasheet HTML 12Page - Texas Instruments CD4051BNS Datasheet HTML 13Page - Texas Instruments CD4051BNS Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
FIGURE 13. OFF CHANNEL LEAKAGE CURRENT - ALL CHANNELS OFF
FIGURE 14. PROPAGATION DELAY - ADDRESS INPUT TO SIGNAL OUTPUT
FIGURE 15. PROPAGATION DELAY - INHIBIT INPUT TO SIGNAL OUTPUT
FIGURE 16. INPUT VOLTAGE TEST CIRCUITS (NOISE IMMUNITY)
Test Circuits and Waveforms (Continued)
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CD4052
IDD
VDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CD4051
IDD
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CD4053
IDD
VDD
VDD
CD4051
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VEE
VEE
VEE V
EE
VEE
VEE
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
CD4052
CD4053
CLOCK
IN
CLOCK
IN
CLOCK
IN
RL
RL
RL
CL
CL
CL
OUTPUT
OUTPUT
OUTPUT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
VEE
tPHL AND tPLH
VSS
CLOCK
IN
RL
OUTPUT
CD4051
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CD4052
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CD4053
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
OUTPUT
OUTPUT
tPHL AND tPLH
tPHL AND tPLH
RL
RL
VSS
CLOCK
IN
CLOCK
IN
VSS
VSS
VEE
VEE
50pF
50pF
VEE
VSS
VSS
VSS
VSS
VSS
VEE
VEE
50pF
CD4051B
VIL
VIH
VDD
VIH
VIL
1K
1K
µA
MEASURE < 2
µA ON ALL
“OFF” CHANNELS (e.g., CHANNEL 6)
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
µA
VIL
VIL
VIH
VIH
1K
1K
VDD
MEASURE < 2
µA ON ALL
“OFF” CHANNELS (e.g., CHANNEL by)
CD4053B
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
VIH
VIH
VIL
1K
1K
VDD
µA
MEASURE < 2
µA ON ALL
“OFF” CHANNELS (e.g., CHANNEL 2x)
VIL
CD4052B
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
CD4051B, CD4052B, CD4053B


Similar Part No. - CD4051BNS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4051BNSR TI-CD4051BNSR Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4051BNSR TI1-CD4051BNSR Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4051BNSR TI-CD4051BNSR Datasheet
1Mb / 48P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
CD4051BNSR TI1-CD4051BNSR Datasheet
1Mb / 42P
[Old version datasheet]   CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED SEPTEMBER 2023
CD4051BNSRE4 TI-CD4051BNSRE4 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
More results

Similar Description - CD4051BNS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Harris Corporation
CD4051B HARRIS-CD4051B Datasheet
146Kb / 15P
   CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
logo
Texas Instruments
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
[Old version datasheet]   CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com