Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R854L8Y2-2 Datasheet(PDF) 2 Page - Frequency Devices, Inc.

Part # R854L8Y2-2
Description  2" x 4" Range Switch 4-Pole Filters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

R854L8Y2-2 Datasheet(HTML) 2 Page - Frequency Devices, Inc.

  R854L8Y2-2 Datasheet HTML 1Page - Frequency Devices, Inc. R854L8Y2-2 Datasheet HTML 2Page - Frequency Devices, Inc. R854L8Y2-2 Datasheet HTML 3Page - Frequency Devices, Inc. R854L8Y2-2 Datasheet HTML 4Page - Frequency Devices, Inc. R854L8Y2-2 Datasheet HTML 5Page - Frequency Devices, Inc. R854L8Y2-2 Datasheet HTML 6Page - Frequency Devices, Inc. R854L8Y2-2 Datasheet HTML 7Page - Frequency Devices, Inc. R854L8Y2-2 Datasheet HTML 8Page - Frequency Devices, Inc. R854L8Y2-2 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Range Switch
8-Bit Programmable Filters
R854 Series
Digital Tuning &
Control Characteristics
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
2
MSB
---
---
---
---
---
---
LSB
27
26
25
24
23
22
21
20
D7
D6
D5
D4
D3
D2
D1
D0
00000000
fmax/256
00000001
fmax/128
00000011
fmax/64
00000111
fmax/32
00001111
fmax/16
00011111
fmax/8
00111111
fmax/4
01111111
fmax/2
11111111
fmax
Bit
Weight
fc
Corner
Frequency
+Vs
OUT
-Vs
D
D
D
D
GND
D
D
D
D
C
P
IN
Bottom View
Os
4
5
3
2
1
0
6
7
4
R
Pin-Out Key
IN
Analog Input Signal
D7 Tuning Bit 7 (MSB)
OUT Analog Output Signal
D6 Tuning Bit 6
GND Power and Signal Return
D5 Tuning Bit 5
"P"
Transition Polarity Bit
D4 Tuning Bit 4
"C"
Tuning Strobe Bit
D3 Tuning Bit 3
+Vs
Supply Voltage, Positive
D2 Tuning Bit 2
-Vs
Supply Voltage, Negative
D1 Tuning Bit 1
Os
Optional Offset Adjustment
D0 Tuning Bit 0 (LSB)
R
Range Switch Adjustment
Digital Tuning Characteristics
The digital tuning interface circuits are two 4042 quad CMOS
latches which accept the following CMOS-compatible inputs:
eight tuning bits (D
0 - D7), a range selection bit (R), a latch
strobe bit (C), and a transition polarity bit (P).
Filter tuning follows the tuning equation given below:
fc = ( fmax/256 ) [ 1 + D
7 x 2
7
+ D
6 x 2
6
+ D
5 x 2
5
+ D4 x 2
4
+ D3 x 2
3
+ D
2 x 2
2
+ D
1 x 2
1
+ D
0 x 2
0
]
where D
1 - D7 = "0" or "1", and
fmax = Maximum tuning frequency;
fc = corner frequency;
R = 0, Maximum low range
R = 1, Maximum
Minimum tunable frequency = fmax/256 (D0 thru D7 = 0);
Minimum frequency step (Resolution) = fmax/256
Data Control Specifications
Data Control Lines
Functions
Latch Strobe (C)
Transition Polarity (P)
Data Control Modes
Mode 1
P = 0; C = 0 frequency follows input codes
P = 0; C = 0
frequency latched on rising edge
Mode 2
P = 1; C = 1 frequency follows input codes
P = 1; C = 1
frequency latched on falling edge
Input Data Levels
(CMOS Logic)
Input Voltage (Vs = 15 Vdc)
Low Level In
0 Vdc min.
4 Vdc max.
High Level In
11 Vdc min.
15 Vdc max.
Input Current
High Level In
- 10
-5 mA typ. -1 mA max.
Low Level In
+10
-5 mA typ. +1 mA max.
Input Capacitance
5 pF typ
7.5 pF max.
Latch Response
Data Set Up Time
1
25 nS
Data Hold Time
2
50 nS
Strobe Pulse Width
80 nS min.
Input Data Format
Frequency Select Bits
Positive Logic
Logic "1" = +Vs
Logic "0" = Gnd
Bit Weighting
(Binary-Coded)
D
0
LSB (least significant bit)
D
7
MSB (most significant bit)
Frequency Range
256 : 1, Binary Weighted
Notes:
1.Frequency data must be present before occurrence of strobe edge.
2.Frequency data must be present after occurrence of strobe edge.


Similar Part No. - R854L8Y2-2

ManufacturerPart #DatasheetDescription
logo
EPCOS
R854 EPCOS-R854 Datasheet
138Kb / 4P
   SAW Resonator 314,50 MHz
logo
Frequency Devices, Inc.
R854 FREQUENCYDEVICES-R854 Datasheet
544Kb / 13P
   Differential Input 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com