Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PGAB5 Datasheet(PDF) 1 Page - Frequency Devices, Inc.

Part # PGAB5
Description  Fixed Frequency Filters with Programmable Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

PGAB5 Datasheet(HTML) 1 Page - Frequency Devices, Inc.

  PGAB5 Datasheet HTML 1Page - Frequency Devices, Inc. PGAB5 Datasheet HTML 2Page - Frequency Devices, Inc. PGAB5 Datasheet HTML 3Page - Frequency Devices, Inc. PGAB5 Datasheet HTML 4Page - Frequency Devices, Inc. PGAB5 Datasheet HTML 5Page - Frequency Devices, Inc. PGAB5 Datasheet HTML 6Page - Frequency Devices, Inc. PGAB5 Datasheet HTML 7Page - Frequency Devices, Inc. PGAB5 Datasheet HTML 8Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
25 Locust St, Haverhill, Massachusetts 01830 • Tel: 800/252-7074, 978/374-0761 • FAX: 978/521-1839
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
for FDI VME Boards
PGAB5 & PGAL5 Series
Fixed Frequency Filters
with Programmable Amplifiers
Description
The PGAB5 and PGAL5 Series of fixed frequency
filters with programmable gain amplifiers utilize
digitally controlled gain modules that were designed
for Frequency Devices’ multi-channel VME board
products
to
condition
DC-coupled
wide-band
signals.
Amplifiers are programmed by an 8-bit
serial data stream for gain selection using clock,
data and strobe inputs.
Other standard performance features include
differential input, single ended output, 5V interface
logic and low noise/distortion.
Available options
include AC coupled input (all models) and/or
differential output (VM32PAFF only).
Features/Benefits:
• Offers a low cost, versatile and convenient way to
provide up to 32 channels of precision filtering and
amplification in a single width B-size (6U) VME
form factor.
• Phase match down to 1.0º with gain accuracy of
0.1 dB provides precision performance solutions
to design engineers, system integrators and
OEM’s.
• Butterworth or Bessel transfer functions with a
broad range of corner frequencies are offered to
meet a wide range of applications.
Filter/Amplifier Options:
VM32PAFF-PGAB5-100
3-pole Butterworth, 100 Hz to 100 kHz
-12 dB to +60 dB gain in 6 dB steps
VM32PAFF-PGAB5-300
3-pole Butterworth, 100 Hz to 300 kHz
-12 dB to +42 dB gain in 6 dB steps
VM2.0PAFF-PGAB5-2.0
4-pole Butterworth, >100 kHz to 2.0 MHz
-12 dB to +36 dB gain in 6 dB steps
VM32PAFF-PGAL5-100
3-pole Bessel, 100 Hz to 100 kHz
-12 dB to +60 dB gain in 6 dB steps
VM32PAFF-PGAL5-300
3-pole Bessel, 100 Hz to 300 kHz
-12 dB to +42 dB gain in 6 dB steps
VM2.0PAFF-PGAL5-2.0
4-pole Bessel, >100 kHz to 2.0 MHz
-12 dB to +36 dB gain in 6 dB steps
PGAB5-100 & PGAL5-100
Frequency Response
Common Mode Rejection Ratio
Noise
-20
-10
0
10
20
30
40
50
60
70
10
100
1000
10000
100000
Frequency (Hz)
-120
-100
-80
-60
-40
-20
0
10
100
1000
10000
100000
Frequency (Hz)
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-12
0
1224364860
Gain (dB)
Measured at 51.2 kHz


Similar Part No. - PGAB5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGA-0010 LITTELFUSE-PGA-0010 Datasheet
1Mb / 1P
   Accessory for Arc-Flash Relays , Diode Logic
2014 Rev: 1-A-030314
logo
Mini-Circuits
PGA-102 MINI-PGA-102 Datasheet
311Kb / 5P
   Monolithic Amplifier
PGA-1021 MINI-PGA-1021 Datasheet
326Kb / 5P
   Monolithic Amplifier
PGA-1021++ MINI-PGA-1021+ Datasheet
326Kb / 5P
   Monolithic Amplifier
PGA-103 MINI-PGA-103 Datasheet
355Kb / 5P
   Monolithic Amplifier
More results

Similar Description - PGAB5

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
VM32PAFF FREQUENCYDEVICES-VM32PAFF Datasheet
263Kb / 2P
   Programmable Amplifiers with Fixed Frequency Filters VME Board
VM300PAFF FREQUENCYDEVICES-VM300PAFF Datasheet
259Kb / 2P
   Programmable Amplifiers with Fixed Frequency Filters VME Board
VM2.0PAFF FREQUENCYDEVICES-VM2.0PAFF Datasheet
795Kb / 2P
   Programmable Amplifiers with Fixed Frequency Filters >100 kHz to 2.0 MHz VME Board
logo
List of Unclassifed Man...
5BAF ETC1-5BAF Datasheet
513Kb / 5P
   Differential Fixed Frequency Filters
logo
Frequency Devices, Inc.
5BAF-LPBE4 FREQUENCYDEVICES-5BAF-LPBE4 Datasheet
539Kb / 5P
   Differential Fixed Frequency Filters
logo
Analog Devices
ADRF6510 AD-ADRF6510_17 Datasheet
1Mb / 32P
   Dual Programmable Filters Variable Gain Amplifiers
ADRF6516 AD-ADRF6516_17 Datasheet
1Mb / 29P
   Dual Programmable Filters and Variable Gain Amplifiers
logo
Frequency Devices, Inc.
D64BP FREQUENCYDEVICES-D64BP Datasheet
300Kb / 5P
   Fixed Frequency 2-Pole Pair Filters
D68BP4 FREQUENCYDEVICES-D68BP4 Datasheet
572Kb / 6P
   Fixed Frequency 4-Pole Pair Filters
logo
Analog Devices
ADRF6518 AD-ADRF6518_17 Datasheet
1Mb / 39P
   1.1 GHz Variable Gain Amplifiers Baseband Programmable Filters
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com