Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQP-27U-20B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # IQP-27U-20B
Description  I&Q NETWORKS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

IQP-27U-20B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  IQP-27U-20B Datasheet HTML 1Page - Merrimac Industries, Inc. IQP-27U-20B Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
U - Package Outline
IQP-27U Series
I&Q NETWORKS
20 to 200 MHz / In-Circuit Phase and Amplitude Adjustments / 10% Bandwidth / High Precision
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
General Notes:
1. I & Q networks are integrated devices that produce two quadrature-phased, equal amplitude signals when fed RF and LO signals.
2. The IQF-27L series features in-circuit, voltage controlled phase and amplitude balance adjustments that allow fine adjustments when the device
is in its normal operating environment. These features provides accuracy not previously attainable in a comparably small package. In addition, the
voltage controlled phase and amplitude balance inputs facilitate closed loop, servo operation using the adjustment inputs in the feedback loops.
3. Merrimac I & Q networks comply with the relevant sections of MIL-M-28837 and may be supplied screened for compliance with additional
specifications for military and space applications requiring the highest reliability.
13Feb96
Pin No.
Function
1
Phase Adjust
2
LO Input
3
I Output
4
Amplitude Adjust
5
RF Input
6
Q Output
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. Lead dimensions apply only at body.
4. All unmarked pins are case ground.
PRINCIPAL SPECIFICATIONS
Model
LO Freq,
Bandwidth
Number
fo, MHz
RF Input
IQP-27U-***B
20 - 200
10% of fo
For complete Model Number replace *** with desired LO Frequency in MHz.
GENERAL SPECIFICATIONS
RF and LO Input Characteristics
Impedance:
50
Ω nom.
VSWR:
1.5:1 max.
RF Power Level:
0 dBm nom.
LO Power Level
+10 dBm nom.
I & Q Output Characteristics
Video Bandwidth:
DC to
50 MHz nom.
Output Impedance:
50
Ω nom.
Conversion Loss
(RF to I or Q):
10 dB typ,12 dB max.
IF Balance (I to Q) @ Vc=+5V
Phase:
90°
± 2°
Amplitude:
0
± 0.2 dB
Bias Controls, @ fo:
0 to +10V
Phase Tuning Range:
± 10° nom.
Amplitude Range:
± 1 dB nom.
Temperature Stability:
± 0.2 dB, ±1° max.
Operating Temperature:-- 55° to +85°C
Weight, nominal:
0.55 oz (15.4 g)
RF and Video Bandwidths are typically much greater than specified.
AVAILABLE OPTIONS
Higher Level Mixers:
Contact Factory
Higher Frequencies:
Contact Factory


Similar Part No. - IQP-27U-20B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
IQP-20R-1000B MERRIMAC-IQP-20R-1000B Datasheet
83Kb / 1P
   I&Q NETWORKS
IQP-20R-160B MERRIMAC-IQP-20R-160B Datasheet
83Kb / 1P
   I&Q NETWORKS
IQP-20R-20B MERRIMAC-IQP-20R-20B Datasheet
83Kb / 1P
   I&Q NETWORKS
IQP-20R-60B MERRIMAC-IQP-20R-60B Datasheet
83Kb / 1P
   I&Q NETWORKS
IQP-20S-1500B MERRIMAC-IQP-20S-1500B Datasheet
82Kb / 1P
   I&Q NETWORKS
More results

Similar Description - IQP-27U-20B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
IQF-20E-20B MERRIMAC-IQF-20E-20B Datasheet
81Kb / 1P
   I&Q NETWORKS
IQF-27L-20B MERRIMAC-IQF-27L-20B Datasheet
101Kb / 1P
   I&Q NETWORKS
IQF-25F-20B MERRIMAC-IQF-25F-20B Datasheet
466Kb / 1P
   I&Q NETWORKS
IQM-20A-5B MERRIMAC-IQM-20A-5B Datasheet
95Kb / 1P
   I&Q NETWORKS
IVM-20B-70B MERRIMAC-IVM-20B-70B Datasheet
91Kb / 1P
   I&Q NETWORKS
IQF-4E-10B MERRIMAC-IQF-4E-10B Datasheet
64Kb / 1P
   I&Q NETWORKS
IQP-20S-1500B MERRIMAC-IQP-20S-1500B Datasheet
82Kb / 1P
   I&Q NETWORKS
IDP-2S-20 MERRIMAC-IDP-2S-20 Datasheet
87Kb / 1P
   I&Q NETWORKS
IQF-25L-1500B MERRIMAC-IQF-25L-1500B Datasheet
110Kb / 1P
   I&Q NETWORKS
IQF-20F-1200B MERRIMAC-IQF-20F-1200B Datasheet
234Kb / 1P
   I&Q NETWORKS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com