Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IQG-20E-20B Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # IQG-20E-20B
Description  I&Q NETWORKS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

IQG-20E-20B Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  IQG-20E-20B Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E - Size Surface Mount
IQG-20E Series
I&Q NETWORKS
Units to 1 GHz / Low Loss / Close Tolerance in Both Phase and Amplitude / Hi-Rel Hermetic
Package
Forfurtheri
nformati
oncontact
M ERRIM AC /41 Fairfield Pl.,W estCaldw ell,NJ,07006 /973-575-1300 /FAX 973-575-0531
GENERAL SPECIFICATIONS
RF/LO Input Characteristics (50
Ω nom.)
VSWR:
1.5:1 max.
RF Bandwidth:
10% of fo
Power Level:
0 dBm nom.
LO Power Level @ fo: +10 dBm nom.
Conversion Loss
(RF to I/Q):
10 dB typ,12 dB max.
IF Quadrature Balance (I to Q),@100 kHz IF
Phase, @ LO=fo:
±1° nom., ±2° max.
Phase, @ LO=fo
±5%: ±3° nom., ±5° max.
Ampl., @ LO=fo:
0.2 dB max.
Ampl., @ LO=fo
±5%: 0.5 dB max.
Weight, nominal:
0.32 oz (9 g)
Operating Temp:
-- 55° to +85°C
RF and Video Bandwidths are typically much greater than specified.
PRINCIPAL SPECIFICATIONS
Model
LO Frequency,
Video BW,
Number
fo, MHz
MHz
IQG-20E-***B
20 - 160
50
IQG-20E-***B
160 - 1000
100
For Model Number replace *** with LO Center Frequency, fo in MHz.
General Notes:
1. I & Q networks are integrated networks that produce two quadrature phased,
equal amplitude signals when fed RF and LO signals.
2. The IQG-20E is specially tailored for high accuracy at a specified LO frequency.
It maintains the minimum specified performance across a band equal to 10% of
the LO frequency.
3. Merrimac I & Q networks comply with the relevant sections of MIL-M-28837 and
may be supplied screened for compliance with additional specifications for military
and space applications requiring the highest reliability.
Performance over Video Bandwidth (LO at 500 MHz)
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. All unmarked pins are case ground.
13Feb96


Similar Part No. - IQG-20E-20B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IQG TDK-IQG Datasheet
731Kb / 2P
   300-450W Quarter Brick Converters
iQG48025A120V-001-R TDK-iQG48025A120V-001-R Datasheet
731Kb / 2P
   300-450W Quarter Brick Converters
iQG48025A120V-009-R TDK-iQG48025A120V-009-R Datasheet
731Kb / 2P
   300-450W Quarter Brick Converters
iQG48025A120V-101-R TDK-iQG48025A120V-101-R Datasheet
731Kb / 2P
   300-450W Quarter Brick Converters
iQG48025A120V-109-R TDK-iQG48025A120V-109-R Datasheet
731Kb / 2P
   300-450W Quarter Brick Converters
More results

Similar Description - IQG-20E-20B

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
IQF-20E-20B MERRIMAC-IQF-20E-20B Datasheet
81Kb / 1P
   I&Q NETWORKS
IQF-27L-20B MERRIMAC-IQF-27L-20B Datasheet
101Kb / 1P
   I&Q NETWORKS
IQF-25F-20B MERRIMAC-IQF-25F-20B Datasheet
466Kb / 1P
   I&Q NETWORKS
IQM-20A-5B MERRIMAC-IQM-20A-5B Datasheet
95Kb / 1P
   I&Q NETWORKS
IVM-20B-70B MERRIMAC-IVM-20B-70B Datasheet
91Kb / 1P
   I&Q NETWORKS
IQF-4E-10B MERRIMAC-IQF-4E-10B Datasheet
64Kb / 1P
   I&Q NETWORKS
IQP-20S-1500B MERRIMAC-IQP-20S-1500B Datasheet
82Kb / 1P
   I&Q NETWORKS
IQP-27U-20B MERRIMAC-IQP-27U-20B Datasheet
155Kb / 2P
   I&Q NETWORKS
IDP-2S-20 MERRIMAC-IDP-2S-20 Datasheet
87Kb / 1P
   I&Q NETWORKS
IQF-25L-1500B MERRIMAC-IQF-25L-1500B Datasheet
110Kb / 1P
   I&Q NETWORKS
IQF-20F-1200B MERRIMAC-IQF-20F-1200B Datasheet
234Kb / 1P
   I&Q NETWORKS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com