Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DP64H4Y5 Datasheet(PDF) 10 Page - Frequency Devices, Inc.

Part # DP64H4Y5
Description  32-Pin DIP 4 - Pole Filters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

DP64H4Y5 Datasheet(HTML) 10 Page - Frequency Devices, Inc.

Back Button DP64H4Y5 Datasheet HTML 3Page - Frequency Devices, Inc. DP64H4Y5 Datasheet HTML 4Page - Frequency Devices, Inc. DP64H4Y5 Datasheet HTML 5Page - Frequency Devices, Inc. DP64H4Y5 Datasheet HTML 6Page - Frequency Devices, Inc. DP64H4Y5 Datasheet HTML 7Page - Frequency Devices, Inc. DP64H4Y5 Datasheet HTML 8Page - Frequency Devices, Inc. DP64H4Y5 Datasheet HTML 9Page - Frequency Devices, Inc. DP64H4Y5 Datasheet HTML 10Page - Frequency Devices, Inc. DP64H4Y5 Datasheet HTML 11Page - Frequency Devices, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
High-Pass
4-Pole, 0.2 dB Ripple
Appendix A
Chebychev
31 \
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
Normalized Frequency(f/fc)
Frequency Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7 8
-100
-80
-60
-40
-20
0
(sec)
Theoretical Transfer Characteristics
1
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
1.20
1.50
1.70
2.00
2.50
3.00
4.00
5.00
6.00
7.00
8.00
9.00
10.0
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
.060
.048
.040
.200
.170
.129
.098
.076
.140
.031
.003
.074
.174
-25.0
-18.6
-12.7
-7.34
-3.01
-89.8
-65.1
-51.1
-40.6
-32.2
21.7
19.3
17.3
60.4
44.5
35.2
29.2
24.9
172
128
111
93.2
73.4
308
296
280
259
231
352
345
337
328
319
.008
.006
.005
.060
.033
.020
.014
.010
.633
.275
.197
.138
.088
.314
.383
.500
.686
.873
.212
.218
.228
.245
.272


Similar Part No. - DP64H4Y5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DP64H4Y5-2.50KHZ ETC1-DP64H4Y5-2.50KHZ Datasheet
590Kb / 11P
   32-Pin DIP 4 - Pole Filters
DP64H4Y5-33.3KHZ ETC1-DP64H4Y5-33.3KHZ Datasheet
590Kb / 11P
   32-Pin DIP 4 - Pole Filters
DP64H4Y5-849HZ ETC1-DP64H4Y5-849HZ Datasheet
590Kb / 11P
   32-Pin DIP 4 - Pole Filters
More results

Similar Description - DP64H4Y5

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
logo
List of Unclassifed Man...
DP64 ETC1-DP64 Datasheet
590Kb / 11P
   32-Pin DIP 4 - Pole Filters
424L4B ETC1-424L4B Datasheet
419Kb / 12P
   32-Pin DIP 4-Pole Filters
logo
Frequency Devices, Inc.
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
   32 Pin DIP 6-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com