Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

428H4L-8 Datasheet(PDF) 4 Page - Frequency Devices, Inc.

Part # 428H4L-8
Description  32-Pin DIP 8-Pole Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

428H4L-8 Datasheet(HTML) 4 Page - Frequency Devices, Inc.

  428H4L-8 Datasheet HTML 1Page - Frequency Devices, Inc. 428H4L-8 Datasheet HTML 2Page - Frequency Devices, Inc. 428H4L-8 Datasheet HTML 3Page - Frequency Devices, Inc. 428H4L-8 Datasheet HTML 4Page - Frequency Devices, Inc. 428H4L-8 Datasheet HTML 5Page - Frequency Devices, Inc. 428H4L-8 Datasheet HTML 6Page - Frequency Devices, Inc. 428H4L-8 Datasheet HTML 7Page - Frequency Devices, Inc. 428H4L-8 Datasheet HTML 8Page - Frequency Devices, Inc. 428H4L-8 Datasheet HTML 9Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com • Web Address: http://www.freqdev.com
4-Bit Programmable
428 Series
8-Pole
Low-Pass Filters
Model
428L4L
428L4D60
428L4D80
428L4D10
Product Specifications
Transfer Function
8-Pole
8-Pole, 6 zero
8-Pole, 6 zero
8-Pole, 6 zero
Bessel
Constant Delay
Constant Delay
Constant Delay
Size
0.8” x 1.8” x 0.5”
0.8" x 1.8" x 0.5"
0.8" x 1.8" x 0.5"
0.8" x 1.8" x 0.5"
Range fc
10.0 Hz to 102.4 kHz
10.0 Hz to 102.4 kHz
10.0 Hz to 102.4 kHz
10.0 Hz to 102.4 kHz
Theoretical Transfer
Appendix A
Appendix A
Appendix A
Appendix A
Characteristics
Page 4
Page 20
Page 21
Page 22
Passband Ripple
0.0 dB
0.15 dB
0.15 dB
0.15 dB
(theoretical)
DC Voltage Gain
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
0 ± 0.1 dB max.
(non-inverting)
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
0 ± 0.05 dB typ.
Stopband
Attenuation Rate
48 dB/octave
60 dB min.
80 dB min.
100 dB min.
Cutoff Frequency
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
fc
± 2% max.
Stability
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
± 0.01% /°c
Amplitude
-3 dB
-3 dB
-3 dB
-3 dB
Phase
-182°
-306°
-306°
-311°
Filter Attenuation
1.91 dB
0.80 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
3.01 dB
1.00 fc
(theoretical)
3.01 dB
1.00 fc
40.0 dB
2.28 fc
60.0 dB
3.08 fc
80.0 dB
4.45 fc
60.0 dB
4.52 fc
60.0 dB
2.64 fc
80.0 dB
3.57 fc
100.0 dB
5.20 fc
80.0 dB
6.07 fc
Phase Match1
0 - fc
± 2° max.
0 - fc
± 2° max.
0 - fc
± 2° max.
0 - fc
± 2° max.
± 1° typ.
± 1° typ.
± 1° typ.
± 1° typ.
Amplitude Accuracy
0 - fc
± 0.2 dB max.
0 - 0.8 fc
± 0.2 dB max. 0 - 0.8 fc
± 0.2 dB max. 0 - 0.8 fc
± 0.2 dB max.
(theoretical)
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
± 0.1 dB typ.
0.8 fc - 1.0 fc
± 0.3 dB max. 0.8 fc-1.0 fc
± 0.3 dB max. 0.8 fc - 1.0 fc
± 0.3 dB max.
± 0.15 dB typ.
± 0.15 dB typ.
± 0.15 dB typ.
Total Harmonic
< - 100 dB typ.
< - 100 dB typ.
< - 100 dB typ.
< - 100 dB typ.
Distortion @ 1 kHz
Wide Band Noise
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
200
mVrms typ.
(5 Hz - 2 MHz)
Narrow Band Noise
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
50
mVrms typ.
(5 Hz - 100 kHz)
Filter Mounting
Assembly
FMA-02A
FMA-02A
FMA-02A
FMA-02A
1. Unit to unit match for the same transfer function, set to the same frequency and operating configuration, and from the same manufacturing lot.
4


Similar Part No. - 428H4L-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
428H4B ETC1-428H4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
428H4E ETC1-428H4E Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
428H4EX ETC1-428H4EX Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
428H4EY ETC1-428H4EY Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
More results

Similar Description - 428H4L-8

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
DP68 ETC1-DP68 Datasheet
478Kb / 17P
   32 Pin DIP 8-Pole Filters
DP78 ETC1-DP78 Datasheet
564Kb / 6P
   32 Pin DIP 8-Pole Filters
logo
Frequency Devices, Inc.
D78L8B FREQUENCYDEVICES-D78L8B Datasheet
368Kb / 6P
   32 Pin DIP 8-Pole Filters
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
logo
List of Unclassifed Man...
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
424L4B-1 FREQUENCYDEVICES-424L4B-1 Datasheet
840Kb / 12P
   32-Pin DIP 4-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com