Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

424L4B-1 Datasheet(PDF) 7 Page - Frequency Devices, Inc.

Part # 424L4B-1
Description  32-Pin DIP 4-Pole Filters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREQUENCYDEVICES [Frequency Devices, Inc.]
Direct Link  http://www.freqdev.com/
Logo FREQUENCYDEVICES - Frequency Devices, Inc.

424L4B-1 Datasheet(HTML) 7 Page - Frequency Devices, Inc.

Back Button 424L4B-1 Datasheet HTML 3Page - Frequency Devices, Inc. 424L4B-1 Datasheet HTML 4Page - Frequency Devices, Inc. 424L4B-1 Datasheet HTML 5Page - Frequency Devices, Inc. 424L4B-1 Datasheet HTML 6Page - Frequency Devices, Inc. 424L4B-1 Datasheet HTML 7Page - Frequency Devices, Inc. 424L4B-1 Datasheet HTML 8Page - Frequency Devices, Inc. 424L4B-1 Datasheet HTML 9Page - Frequency Devices, Inc. 424L4B-1 Datasheet HTML 10Page - Frequency Devices, Inc. 424L4B-1 Datasheet HTML 11Page - Frequency Devices, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Low-Pass
4-Pole
Appendix A
Butterworth
7
1784 Chessie Lane, Ottawa, IL 61350 • Tel: 800/252-7074, 815/434-7800 • FAX: 815/434-8176
e-mail: sales@freqdev.com Web Address: http://www.freqdev.com
(sec)
Normalized Frequency(f/fc)
Normalized Time (1/f sec)
Theoretical Transfer Characteristics
1
Frequency Response
Delay
(Normalized)
Step Response
0.1
1.0
10.0
2
3 4 5 6 78
2
3 4 5 6 7
-100
-80
-60
-40
-20
0
0
1
2
3
4
5
-0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1.0
2
3
4
5 6 7 8 9
0.0
1.0
2.0
1.5
0.15
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.85
0.90
0.95
1.00
1.10
1.20
1.30
1.40
1.50
1.60
1.70
1.80
1.90
2.00
2.25
2.50
2.75
3.00
3.25
3.50
4.00
5.00
6.00
7.00
8.00
9.00
10.0
-62.3
-67.6
-72.2
-76.3
-80.0
-38.2
-41.0
-43.5
-48.2
-55.9
-22.3
-24.1
-28.2
-31.8
-35.1
-12.0
-14.3
-16.4
-18.5
-20.5
-2.21
-3.01
-4.97
-7.24
-9.62
-0.072
-0.243
-0.674
-1.047
-1.555
0.00
0.00
0.00
-0.00
-0.003
-0.017
0.00
-15.0
-30.1
-45.5
-61.4
-78.0
-95.7
-115
-136
-147
-158
-169
-180
-200
-217
-231
-242
-252
-260
-266
-272
-277
-282
-291
-299
-304
-309
-313
-317
-322
-330
-335
-339
-341
-343
-345
.012
.009
.007
.005
.004
.049
.041
.035
.027
.017
.134
.119
.091
.072
.059
.289
.241
.204
.175
.152
.612
.588
.513
.427
.350
.511
.558
.604
.619
.622
.416
.418
.423
.433
.449
.474
1.Normalized Group Delay:
The above delay data is normalized to a corner frequency
of 1.0Hz.The actual delay is the normalized delay divided
by the actual corner frequency (fc).
Actual Delay =
Normalized Delay
Actual Corner Frequency (fc) in Hz
f/fc
(Hz)
Amp
(dB)
Phase
(deg)
Delay
Normalized Frequency(f/fc)


Similar Part No. - 424L4B-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
424L4B ETC1-424L4B Datasheet
419Kb / 12P
   32-Pin DIP 4-Pole Filters
More results

Similar Description - 424L4B-1

ManufacturerPart #DatasheetDescription
logo
Frequency Devices, Inc.
D64L4B FREQUENCYDEVICES-D64L4B Datasheet
533Kb / 11P
   32-Pin DIP 4 - Pole Filters
D61L4B FREQUENCYDEVICES-D61L4B Datasheet
701Kb / 6P
   32-Pin DIP 4 - Pole Filters
logo
List of Unclassifed Man...
DP64 ETC1-DP64 Datasheet
590Kb / 11P
   32-Pin DIP 4 - Pole Filters
424L4B ETC1-424L4B Datasheet
419Kb / 12P
   32-Pin DIP 4-Pole Filters
logo
Frequency Devices, Inc.
D01L8B FREQUENCYDEVICES-D01L8B Datasheet
555Kb / 10P
   32-Pin DIP 8-, 6-, 4-Pole Filters
D68L8B FREQUENCYDEVICES-D68L8B Datasheet
471Kb / 17P
   32 Pin DIP 8-Pole Filters
logo
List of Unclassifed Man...
428L4B ETC1-428L4B Datasheet
1,009Kb / 18P
   32-Pin DIP 8-Pole Filters
DP66 ETC1-DP66 Datasheet
894Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
Frequency Devices, Inc.
D66L6B FREQUENCYDEVICES-D66L6B Datasheet
581Kb / 6P
   32 Pin DIP 6-Pole Filters
428L4B-1 FREQUENCYDEVICES-428L4B-1 Datasheet
980Kb / 18P
   32-Pin DIP 8-Pole Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com