Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3539EDCB-2-TRPBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3539EDCB-2-TRPBF
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539EDCB-2-TRPBF Datasheet(HTML) 5 Page - Linear Technology

  LTC3539EDCB-2-TRPBF Datasheet HTML 1Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 2Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 3Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 4Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 5Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC3539/LTC3539-2
5
3539f
TEMPERATURE (°C)
0.80
0.75
0.65
0.55
0.70
0.60
0.50
3539 G10
1mA LOAD
NO LOAD
–50
0
–25
50
100
25
75
TEMPERATURE (°C)
0.50
0.25
–0.25
–0.75
0
–0.50
–1.00
3539 G09
–60
–20
–40
40
100
80
20
060
VOUT (V)
0.30
0.25
0.15
0.05
0.20
0.10
0
3539 G07
NMOS
PMOS
1.5
2.5
2.0
3.5
5.5
5.0
4.5
3.0
4.0
TEMPERATURE (°C)
1.3
1.2
1.0
0.8
1.1
0.9
0.7
3539 G08
–50
–10
–30
30
90
70
10
50
TYPICAL PERFORMANCE CHARACTERISTICS
RDS(ON) vs VOUT
RDS(ON) Change vs Temperature
VFB vs Temperature
Start-Up Voltage vs Temperature
Fixed Frequency SW and IL(AC)
Burst Mode SW and IL(AC)
Load Step, Fixed Frequency
Load Step, Burst Mode Operation
500ns/DIV
VIN = 2.4V
VOUT = 3.3V AT 400mA
COUT = 22μF
VOUT
20mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
500mA/DIV
SW PIN
2V/DIV
3539 G12
500μs/DIV
VIN = 2.4V
VOUT = 3.3V
COUT = 22μF
ILOAD = 100mA TO 250mA STEP
VOUT
50mV/DIV
AC-COUPLED
LOAD
CURRENT
200mA/DIV
3539 G14
5μs/DIV
VIN = 3.3V
VOUT = 5V
COUT = 22μF
VOUT
20mV/DIV
AC-COUPLED
INDUCTOR
CURRENT
200mA/DIV
SW PIN
5V/DIV
3539 G13
500μs/DIV
VIN = 2.4V
VOUT = 3.3V
COUT = 22μF
ILOAD = 20mA TO 170mA
VOUT
50mV/DIV
AC-COUPLED
LOAD
CURRENT
200mA/DIV
3539 G15


Similar Part No. - LTC3539EDCB-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539EDCB#TRMPBF LINER-LTC3539EDCB#TRMPBF Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3539EDCB-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539 LINER-LTC3539_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com