Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3539EDCB-2-TRPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3539EDCB-2-TRPBF
Description  2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3539EDCB-2-TRPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC3539EDCB-2-TRPBF Datasheet HTML 1Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 2Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 3Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 4Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 5Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC3539EDCB-2-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC3539/LTC3539-2
1
3539f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2A, 1MHz/2MHz
Synchronous Step-Up
DC/DC Converters
The LTC®3539/LTC3539-2 are synchronous, 2A step-up
DC/DC converters with output disconnect. Synchronous
rectification enables high efficiency in the low profile
2mm
× 3mm DFN package. Battery life is extended with
a 700mV start-up voltage and operation down to 500mV
once started.
A switching frequency of 1MHz (LTC3539) or 2MHz
(LTC3539-2) minimizes solution footprint by allowing the
use of tiny, low profile inductors and ceramic capacitors.
The current mode PWM design is internally compensated,
reducing external parts count. The LTC3539/LTC3539-2
feature a pin-enabled automatic Burst Mode operation at
light load conditions. Anti-ring circuitry reduces EMI by
damping the inductor in discontinuous mode. Additional
features include a low shutdown current of under 1μA and
thermal overload protection.
The LTC3539/LTC3539-2 are offered in a 2mm
× 3mm ×
0.75mm DFN package.
Wide VIN, High Power 3.3V Regulator
n Delivers 3.3V at 900mA From 2 Alkaline/NiMH Cells
n Delivers 5V at 900mA From a Lithium-Polymer
Battery
n VIN Start-Up Voltage: 700mV
n 1.5V to 5.25V VOUT Range
n Up to 94% Efficiency
n VIN > VOUT Operation
n 1MHz (LTC3539) or 2MHz (LTC3539-2) Fixed
Frequency Operation
n Output Disconnect
n Selectable Burst Mode® or PWM Operation
n 10μA Quiescent Current
n Logic Controlled Shutdown: <1μA
n Requires Only 6 External Components
n Low Profile (2mm
× 3mm × 0.75mm) DFN Package
n Medical Instruments
n Portable Bar Code Scanners
n Noise Canceling Headphones
n Portable GPS Navigation
n Handheld PCs
L, LT, LTC, LTM and Burst Mode are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
ILOAD AVERAGE (mA)
0.1
1
10
100
1000
0.1
1
10
100
1000
100
80
60
40
20
0
90
70
50
30
10
3539 TA01b
POWER LOSS
EFFICIENCY
VIN = 2.4V
VOUT = 3.3V
FREQUENCY = 1MHz
FREQUENCY = 2MHz
Efficiency and Power Loss vs
Load Current
3539 TA01a
LTC3539
VIN
SW
2.2μF
VOUT
3.3V
600mA
VIN
1.8V TO 3.6V
4.7μH
VOUT
MODE
SHDN
FB
PGND
GND
562k
1M
22μF
22pF
BURST
PWM
ON
OFF


Similar Part No. - LTC3539EDCB-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539EDCB#TRMPBF LINER-LTC3539EDCB#TRMPBF Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
More results

Similar Description - LTC3539EDCB-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3539-2 LINER-LTC3539-2_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3539 LINER-LTC3539_15 Datasheet
195Kb / 14P
   2A, 1MHz/2MHz Synchronous Step-Up DC/DC Converters
LTC3526-2 LINER-LTC3526-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526L-2 LINER-LTC3526L-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526LB-2 LINER-LTC3526LB-2_15 Datasheet
343Kb / 16P
   550mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3528B LINER-LTC3528B_15 Datasheet
337Kb / 18P
   1A, 1MHz Synchronous Step-Up DC/DC Converters
LTC3526B-2 LINER-LTC3526B-2_15 Datasheet
346Kb / 16P
   500mA 2MHz Synchronous Step-Up DC/DC Converters
LTC3526B LINER-LTC3526B_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526 LINER-LTC3526_15 Datasheet
336Kb / 16P
   500mA 1MHz Synchronous Step-Up DC/DC Converters
LTC3526LB LINER-LTC3526LB_15 Datasheet
349Kb / 16P
   550mA 1MHz Synchronous Step-Up DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com