Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XAITD-80J Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # XAITD-80J
Description  XAITD Series FAST / TTL Buffered 10-Tap Delay Modules
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

XAITD-80J Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  XAITD-80J Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Phone: (714) 898-0960 • FAX: (714) 896-0971
www.rhombus-ind.com • email: sales@rhombus-ind.com
Rhombus
Industries Inc.
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
XAITD 9901
OPERATING SPECIFICATIONS
V
CC Supply Voltage ...................................
5.00 ± 0.25 VDC
I
CC
Supply Current ......................... 25mA typ., 50 mA Max.
Logic “1” Input: V
IH .......................
2.00 V min., 5.50 V max.
I
IH ..............................
20
µA max. @ 2.70V
Logic “0” Input: V
IL ..........................................
0.80 V max.
I
IL ............................................
-0.6 mA mA
V
OH
Logic “1” Voltage Out .................................. 2.40 V min.
V
OL
Logic “0” Voltage Out ............................... 0.50 V max.
P
WI
Input Pulse Width ............................. 20% of Delay min.
Operating Temperature Range ............................ 0O to 70OC
Storage Temperature Range ...................... -65O to +150OC
TEST CONDITIONS -- FAST / TTL
V
CC Supply Voltage ................................................
5.00VDC
Input Pulse Voltage ................................................... 3.20V
Input Pulse Rise Time ....................................... 3.0 ns max.
Input Pulse Width / Period ........................... 1000 / 2000 ns
1. Measurements made at 25OC
2. Delay Times measured at 1.50V level of leading edge.
3. Rise Times measured from 0.75V to 2.40V.
4. 10pf probe and fixture load on output under test.
P/N Description
XAITD - XXX X
Buffered 10 Tap Delay
Molded Package Series:
14-pin DIP: XAITD
Total Delay in nanoseconds (ns)
Lead Style: Blank = Thru-hole
G = “Gull Wing” SMD
J = “J” Bend SMD
Examples: XAITD-75G =
75ns (7.5ns per tap)
74F, 14-Pin G-SMD
Low Profile 14-Pin Package
Two Surface Mount Versions
FAST/TTL Logic Buffered
10 Equal Delay Taps
Operating Temperature
Range 0OC to +70OC
Electrical Specifications at 25OC
XAITD Series FAST / TTL Buffered 10-Tap Delay Modules
** These part numbers do not have 5 equal taps. Tap-to-Tap Delays reference Tap 1.
DImensions in Inches (mm)
DIP
DIP
G-SMD
G-SMD
J-SMD
.300
(7.62)
.285
(7.24)
MAX.
.008 R
(0.20)
.365
(9.27)
MAX.
.010
(0.25)
TYP.
.120
(3.05)
MIN.
.250
(6.35)
MAX.
.020
(0.51)
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.400 (10.16)
.430 (10.92)
.285
(7.24)
MAX.
.010
(0.25)
TYP.
.008 R
(0.20)
.030
(0.76)
TYP.
.250
(6.35)
MAX.
.015
(0.38)
TYP.
.785
(19.94)
MAX.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.330 (8.38)
MAX.
.020 R
(0.51)
.285
(7.24)
MAX.
.285 (7.24)
.260 (6.60)
.785
(19.94)
MAX.
.265
(6.73)
MAX.
.030
(0.76)
TYP.
.050
(1.27)
TYP.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
J-SMD
For More Popular Footprint
refer to FAITD Series.
Note: For More Popular Footprint
refer to FAITD Series.
Vcc
14
Tap1
13
Tap3
12
Tap5
11
Tap7
10
Tap9
9
Tap10
1
IN
3
Tap2 Tap4
5
Tap6
6
Tap8
7
GND
4
2
XAITD Schematic
FAST 10 Tap
14-Pin P/N
Tap Delay Tolerances +/- 5% or 2ns (+/- 1ns <15ns)
Tap-to-Tap
(ns)
Tap 1
Tap 2
Tap 3
Tap 4
Tap 5
Tap 6
Tap 7
Tap 8
Tap 9
Total - Tap 10
XAITD-12
3
4
5
6
7
8
9
10
11
12 ± 1.0 ∗∗ 1.0 ± 0.5
XAITD-15
3
3.5
4.5
6
7.5
9
10.5
12
13.5
15 ± 1.0 ∗∗ 1.5 ± 0.6
XAITD-20
3
4
6
8
10
12
14
16
18
20 ± 1.5 ∗∗ 2.0 ± 0.7
XAITD-25
3
5
7.5
10
12.5
15
17.5
20
22.5
25 ± 2.0 ∗∗ 2.5 ± 0.8
XAITD-30
3
6
9
12
15
18
21
24
27
30 ± 2.0
3.0 ± 1.0
XAITD-35
3.5
7
10.5
14
17.5
21
24.5
28
31.5
35 ± 2.0
3.5 ± 1.0
XAITD-40
4
8
12
16
20
24
28
32
36
40 ± 2.0
4.0 ± 1.0
XAITD-50
5
10
15
20
25
30
35
40
45
50 ± 2.5
5.0 ± 2.0
XAITD-60
6
12
18
24
30
36
42
48
54
60 ± 3.0
6.0 ± 2.0
XAITD-70
7
14
21
28
35
42
49
56
63
70 ± 3.5
7.0 ± 2.0
XAITD-75
7.5
15
22.5
30
37.5
45
52.5
60
67.5
75 ± 3.75
7.5 ± 2.0
XAITD-80
8
16
24
32
40
48
56
64
72
80 ± 4.0
8.0 ± 2.0
XAITD-100
10
20
30
40
50
60
70
80
90
100 ± 5.0
10 ± 2.0
XAITD-125
12.5
25
37.5
50
62.5
75
87.5
100
112.5 125 ± 6.25
12.5 ± 3.0
XAITD-150
15
30
45
60
75
90
105
120
135
150 ± 7.5
15 ± 3.0
XAITD-200
20
40
60
80
100
120
140
160
180
200 ± 10.0
20 ± 3.0
XAITD-250
25
50
75
100
125
150
175
200
225
250 ± 12.5
25 ± 3.0
XAITD-300
30
60
90
120
150
180
210
240
270
300 ± 15.0
30 ± 5.0
XAITD-500
50
100
150
200
250
300
350
400
450
500 ± 25.0
50 ± 6.0


Similar Part No. - XAITD-80J

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
XAIM-A16-018N1A ADVANTECH-XAIM-A16-018N1A Datasheet
1Mb / 6P
   8" Industrial-Grade Tablet with Intel® Atom™ Processor
16-May-2019
XAIM-A16-018N1A ADVANTECH-XAIM-A16-018N1A Datasheet
1Mb / 8P
   8" Industrial-Grade Tablet with Intel® Atom™ Processor Aimed at Vertical Applications
24-Aug-2021
XAIM-FSP065-DBCM1 ADVANTECH-XAIM-FSP065-DBCM1 Datasheet
1Mb / 8P
   10.1" Medical-Grade Tablet with Intel® Atom™ Processor and PCAP Touchscreen
2-Feb-2023
XAIM-FSP065-DBCM1 ADVANTECH-XAIM-FSP065-DBCM1 Datasheet
1Mb / 9P
   10.1" Medical Grade Tablet with Qualcomm® Snapdragon™ 660
10-May-2022
logo
Wall Industries,Inc.
XAIS3656 WALL-XAIS3656 Datasheet
483Kb / 7P
   280W AC/DC High Efficiency Power Supply
More results

Similar Description - XAITD-80J

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
FAITD-12 RHOMBUS-IND-FAITD-12 Datasheet
44Kb / 1P
   FAITD Series FAST / TTL Buffered 10-Tap Delay Modules
FAIDM-7 RHOMBUS-IND-FAIDM-7 Datasheet
39Kb / 1P
   FAST / TTL Buffered 5-Tap Delay Modules
DTZM1-9 RHOMBUS-IND-DTZM1-9 Datasheet
35Kb / 1P
   DTZM Series FAST / TTL Buffered 5-Tap Delay Modules
AIDM-7 RHOMBUS-IND-AIDM-7 Datasheet
39Kb / 1P
   AIDM Series FAST / TTL Buffered 5-Tap Delay Modules
AMDM-7 RHOMBUS-IND-AMDM-7 Datasheet
38Kb / 1P
   AMDM Series FAST / TTL Buffered 5-Tap Delay Modules
FSIDM-9 RHOMBUS-IND-FSIDM-9 Datasheet
33Kb / 1P
   FSIDM Series FAST / TTL Buffered 5-Tap Delay Modules
FAMDM-7 RHOMBUS-IND-FAMDM-7 Datasheet
38Kb / 1P
   FAMDM Series FAST / TTL Buffered 5-Tap Delay Modules
D2TZM1-10 RHOMBUS-IND-D2TZM1-10 Datasheet
39Kb / 1P
   14 Pin 10-Tap TTL Buffered Delay Modules
DAIDM-7 RHOMBUS-IND-DAIDM-7 Datasheet
38Kb / 1P
   DAIDM Series FAST / TTL Buffered 5-Tap Dual Edge Delay Modules
PLDM8-0.5 RHOMBUS-IND-PLDM8-0.5 Datasheet
31Kb / 1P
   FAST / TTL Buffered I/O 4-Bit Programmable Delay Modules
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com