Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3541 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3541
Description  High Efficiency Buck VLDO Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3541 Datasheet(HTML) 1 Page - Linear Technology

  LTC3541 Datasheet HTML 1Page - Linear Technology LTC3541 Datasheet HTML 2Page - Linear Technology LTC3541 Datasheet HTML 3Page - Linear Technology LTC3541 Datasheet HTML 4Page - Linear Technology LTC3541 Datasheet HTML 5Page - Linear Technology LTC3541 Datasheet HTML 6Page - Linear Technology LTC3541 Datasheet HTML 7Page - Linear Technology LTC3541 Datasheet HTML 8Page - Linear Technology LTC3541 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LTC3541

3541fa
High Efficiency
Buck + VLDO Regulator
PDAs/PalmtopPCs
DigitalCameras
CellularPhones
PCCards
WirelessandDSLModems
OtherPortablePowerSystems
High Efficiency, 500mA Buck Plus 300mA VLDOTM
Regulator
Auto Start-Up Powers Buck Output Prior to
VLDO/Linear Regulator Output
Independent High Efficiency, 500mA Buck
(VIN: 2.7V to 5.5V)
300mA VLDO Regulator with 30mA Standalone Mode
No External Schottky Diodes Required
Buck Output Voltage Range: 0.8V to 5V
VLDO Input Voltage Range (LVIN): 0.9V to 5.5V
VLDO Output Voltage Range VLDO: 0.4V to 4.1V
SelectableFixedFrequency,Pulse-SkipOperationor
BurstMode®Operation
Short-CircuitProtected
CurrentModeOperationforExcellentLineandLoad
TransientResponse
ConstantFrequencyOperation:2.25MHz
LowDropoutBuckOperation:100%DutyCycle
Small,ThermallyEnhanced,10-Lead(3mm
×3mm)
DFNPackage
APPLICATIO S
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTc and LTM are registered trademarks of Linear Technology corporation.
VLDO is a trademark of Linear Technology corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 5481178, 6611131, 6304066, 6498466, 6580258
TheLTC®3541combinesasynchronousbuckDC/DC
converterwithaverylowdropoutlinearregulator
(VLDO)toprovideuptotwooutputvoltagesfromasingle
inputvoltagewithminimalexternalcomponents.When
configuredfordualoutputoperation,theLTC3541’sauto
start-upfeaturewillbringtheBuckoutputintoregulation
inacontrolledmannerpriortoenablingtheVLDOregulator
outputwithouttheneedforexternalpincontrol.VLDO/
linearregulatoroutputpriortoBuckoutputsequencing
mayalsobeobtainedviaexternalpincontrol.Theinput
voltagerangeisideallysuitedforLi-Ionbattery-powered
applications,aswellaspoweringsub-3.3Vlogicfrom5V
or3.3Vrails.
Thesynchronousbuckconverterprovidesahighefficiency
output,typically90%,capableofprovidingupto500mA
ofcontinuousoutputcurrentwhileswitchingat2.25MHz,
allowingtheuseofsmallsurfacemountinductorsandca-
pacitors.Amode-selectpinallowsBurstModeoperation
tobeenabledforhigherefficiencyatlightloadcurrents,or
disabledforlowernoise,constantfrequencyoperation.
TheVLDOregulatorprovidesalownoise,lowvoltage
outputcapableofprovidingupto300mAofcontinuous
outputcurrentusingonlya2.2µFceramiccapacitor.The
inputsupplyvoltageoftheVLDOregulator(LVIN)may
comefromthebuckregulatororaseparatesupply.
SW
VIN
ENBUCK
BUCKFB
LVIN
ENVLDO
MODE
GND
LFB
LVOUT
PGND
LTC3541
150k
VOUT2
1.5V
300mA
2.2
µF
115k
3541 TA01a
2.2
µH
10
µF
VIN
2.9V TO 5.5V
243k
22pF
412k
VOUT1
2.5V
200mA
LTC3541 Typical Application
Buck (Burst) Efficiency and Power Loss vs Load Current
LOAD CURRENT (mA)
1
40
50
60
70
80
10
100
1000
3541 TA01b
30
20
10
0
90
100
0.001
0.01
0.1
0.0001
1
VIN = 3.3V
VOUT = 2.5V
EFFICIENCY
POWER LOSS


Similar Part No. - LTC3541

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-1 LINER-LTC3541-1 Datasheet
378Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3 Datasheet
400Kb / 20P
   High Efficiency Buck VLDO Regulator
More results

Similar Description - LTC3541

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3541-1 LINER-LTC3541-1_15 Datasheet
401Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2 Datasheet
336Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541 LINER-LTC3541_15 Datasheet
391Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-2 LINER-LTC3541-2_15 Datasheet
380Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3_15 Datasheet
423Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-1 LINER-LTC3541-1 Datasheet
378Kb / 20P
   High Efficiency Buck VLDO Regulator
LTC3541-3 LINER-LTC3541-3 Datasheet
400Kb / 20P
   High Efficiency Buck VLDO Regulator
logo
Analog Devices
ADP2360 AD-ADP2360 Datasheet
970Kb / 16P
   High Efficiency Buck Regulator
logo
Linear Technology
LTC3446EDE LINER-LTC3446EDE Datasheet
248Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
LTC3446 LINER-LTC3446 Datasheet
253Kb / 20P
   Monolithic Buck Regulator with Dual VLDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com