Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

B501 Datasheet(PDF) 1 Page - Systemsensor advanced ideas.

Part No. B501
Description  Low-Profile Intelligent Combination Smoke Detector
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYSTEMSENSOR [Systemsensor advanced ideas.]
Homepage  http://www.systemsensor.com
Logo 

B501 Datasheet(HTML) 1 Page - Systemsensor advanced ideas.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D250-01-00
1
I56-0595-007R
B210LP Plug-in Detector Base
INSTALLATION AND MAINTENANCE INSTRUCTIONS
3825 Ohio Avenue, St. Charles, Illinois 60174
1-800-SENSOR2, FAX: 630-377-6495
www.systemsensor.com
BEfORE INSTALLINg
Please thoroughly read the system wiring and installation manuals, and man-
ual System Smoke Detectors Application Guide, which provides detailed in-
formation on detector spacing, placement, zoning, and special applications.
Copies of these manuals are available from System Sensor or through a Sys-
tem Sensor distributor.
gENERAL DESCRIPTION
The B210LP is a plug in detector base intended for use in a 2-wire intelligent sys-
tem, with screw terminals provided for power (+ and –), and remote annuncia-
tor connections. Communication takes place over the power (+ and –) lines.
BASE TERMINALS
NO.
FUNCTION
1
Power (–), Remote Annunciator (–)
2
Power (+)
3
Remote Annunciator (+)
MOUNTINg
This detector base mounts directly to 31/2- and 4-inch octagon boxes, 4-inch
square boxes (with or without plaster rings) and single gang boxes. To mount,
remove the decorative ring by turning it in either direction to unhook the
snaps, then separate the ring from the base. Install the base on the box using
the screws supplied with the junction box and the appropriate mounting slots
in the base.
Place the decorative ring on the base and rotate it in either direction until it
snaps into place (see Figure 2).
INSTALLATION WIRINg gUIDELINES
All wiring must be installed in compliance with all applicable local codes
and any special requirements of the authority having jurisdiction, using the
proper wire size. The conductors used to connect smoke detectors to control
panels and accessory devices should be color-coded to reduce the likelihood
of wiring errors. Improper connections can prevent a system from responding
properly in the event of a fire.
For signal wiring (the wiring between interconnected detectors), it is recom-
mended that the wire be no smaller than AWG 18. However, the screws and
clamping plate in the base can accommodate wire sizes up to AWG 12. The
use of twisted pair wiring or shielded cable for the power (+ and -) loop is
recommended to minimize the effects of electrical interference.
If shielded cable is used, the shield connection to and from the detector must
be continuous by using wire nuts, crimping, or soldering, as appropriate for a
reliable connection.
Make electrical connections by stripping about 3/8 inch (10 mm) of insulation
from the end of the wire (use strip gauge molded in base), sliding the bare end
of the wire under the clamping plate, and tightening the clamping plate screw.
Do not loop the wire under the clamping plate.
The zone wiring of the detector base should be checked before the detector
heads are installed in them. The wiring should be checked for continuity and
polarity in the base, and dielectric tests should be performed.
The base includes a label for recording the zone, address, and type of detector
being installed. This information is important to set the address of the detector
head that will later be plugged into the base and to verify the type required
for that location.
SPECIfICATIONS
Diameter:
6.1 inches (155 mm)
Mounting:
4-inch (102 mm) square box with or without plaster ring; Minimum Depth - 1.5 inches (38 mm)
4-inch Octagon Box; Minimum Depth - 1.5 inches (38 mm)
31/2-inch Octagon Box; Minimum Depth - 1.5 inches (38 mm)
Single Gang Box; Minimum Depth - 1.5 inches (38 mm)
Operating Temperature Range:
Refer to applicable sensor Operating Temperature Range
using the Base/Sensor Cross Reference Chart at http:\\www.systemsensor.com
fIgURE 1. TERMINAL LAyOUT:
3
2
1
BASE
TERMINALS
TAMPER PROOF
TAB
C0127-00
fIgURE 2. MOUNTINg DETECTOR TO BOx:
SNAP ON
DECORATIVE
RING
SCREWS
(NOT SUPPLIED)
DETECTOR
BASE
BOX
(NOT SUPPLIED)
C0128-00


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
7251Low-Profile Plug-in Intelligent Laser Smoke Detector 1 2 Systemsensor advanced ideas.
500SERIESIntelligent Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.
MC14467-1_07Low-Power CMOS Ionization Smoke Detector IC 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC14468Low-Power CMOS Ionization Smoke Detector IC with Interconnect 1 2 3 4 5 MoreFreescale Semiconductor, Inc
DH4004-Wire Duct Smoke Detector 1 2 3 4 Systemsensor advanced ideas.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn