Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMG-4A-750 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # DMG-4A-750
Description  DOUBLE BALANCED MIXERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

DMG-4A-750 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  DMG-4A-750 Datasheet HTML 1Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DMG-ASeries
DOUBLEBALANCEDMIXERS
10 to1500 MHz/ +7 to+17 dBmLO/ SMDPackage
For further informationcontact
MERRIMAC/ 41 FairfieldPl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX973-575-0531
PRINCIPAL SPECIFICATIONS
RF/LO
IF
LO Drive,
Conversion Port Isolation, Typ.
-1 dB
Input
Model
Frequency,
Frequency,
dBm,
Loss, dB,
L-R
L-X R-X
Compr. Intercept
Number
MHz
MHz
Nom.
Max.
Typ.
dB
dB
dB
Point
Point
DMG-2A-750
10 - 1500
DC - 1000
+7
10
7
35
20
15
0 dBm
+12 dBm
(typ.)
(typ.)
DMG-4A-750
10 - 1500
DC - 1000
+13
10
8
35
20
15
+8 dBm +19 dBm
(typ.)
(typ.)
All specifications are as measured in a 50
Ω system, at nominal LO power, in a down converter application.
General Notes:
1. The DMG-A series of surface mount Double Balanced Mixers covers
the frequency range of 10 to 1500 MHz using miniature 4-diode rings
suitable for both general purpose and high performance applications.
2. The DMG-A SMD package is designed for 50
Ω coplanar systems
to insure satisfactory RF performance. The Kovar leads are supplied
untrimmed (unless otherwise specified) to allow mounting the package
in a variety of configurations.
3. Merrimac offers a broad selection of Double Balanced Mixers ideal
for a variety of signal processing functions from 20 kHz to 20 GHz.
4. Merrimac mixers comply with MIL-M-28837 and may be supplied
screened for compliance with additional specifications for military and
space applications requiring the highest reliability.
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
Noise Figure:
Within
±1 dB of
Conversion Loss
Maximum Input Power: 300 mW @ 25°C
(derate linearly to 0 mW @ 125°C)
Usable LO Drive:
DMG-2A-750:
+7 to +10 dBm
DMG-4A-750
+10 to +17 dBm
Polarity Sense:
Positive
DC Offset Voltage:
3 mV typ.
Weight, nominal:
0.02 oz (0.5 g)
Operating Temperature: – 55° to +85°C
A-Size
Surface Mount
Package
Outline
NOTES:
1. Tolerance on 3 place decimals
±.010(.25) except as noted.
2. Dimensions in inches over millimeters.
3. All unmarked tabs are ground.
4. Max is largest dimension allowed.
5. Untrimmed lead length 0.25(6.35) nominal.
03May96


Similar Part No. - DMG-4A-750

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
DMG-4B-1700 MERRIMAC-DMG-4B-1700 Datasheet
26Kb / 1P
   DOUBLE BALANCED MIXERS
More results

Similar Description - DMG-4A-750

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
73128 ANAREN-73128 Datasheet
170Kb / 1P
   Mixers Double Balanced
74125 ANAREN-74125 Datasheet
153Kb / 1P
   Mixers Double Balanced
logo
List of Unclassifed Man...
M1-0614 ETC2-M1-0614 Datasheet
95Kb / 2P
   DOUBLE-BALANCED MIXERS
logo
Merrimac Industries, In...
DMM-12-500 MERRIMAC-DMM-12-500 Datasheet
1Mb / 1P
   DOUBLE BALANCED MIXERS
DMM-4-250 MERRIMAC-DMM-4-250 Datasheet
216Kb / 1P
   DOUBLE BALANCED MIXERS
logo
Marki Microwave
M1-0204 MARKIMICROWAVE-M1-0204 Datasheet
175Kb / 2P
   DOUBLE-BALANCED MIXERS
M1-0220 MARKIMICROWAVE-M1-0220 Datasheet
151Kb / 2P
   DOUBLE-BALANCED MIXERS
M4-0126 MARKIMICROWAVE-M4-0126 Datasheet
198Kb / 3P
   DOUBLE-BALANCED MIXERS
M8-0326 MARKIMICROWAVE-M8-0326 Datasheet
177Kb / 2P
   DOUBLE-BALANCED MIXERS
M8-0420 MARKIMICROWAVE-M8-0420 Datasheet
198Kb / 2P
   DOUBLE-BALANCED MIXERS
M1-0208 MARKIMICROWAVE-M1-0208 Datasheet
242Kb / 3P
   DOUBLE-BALANCED MIXERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com