Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CSM-10M-3G Datasheet(PDF) 2 Page - Merrimac Industries, Inc.

Part No. CSM-10M-3G
Description  DIRECTIONAL COUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERRIMAC [Merrimac Industries, Inc.]
Homepage  http://www.merrimacind.com
Logo 

CSM-10M-3G Datasheet(HTML) 2 Page - Merrimac Industries, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
SMA Connectors:
Female, to meet the
interface rqts
of MIL-C-39012
Operating Temp:
-- 55° to +85°C
Other connectors:
TNC and N type
available
POWER SPECIFICATIONS
Coupled ‘‘Loss’’:
6 dB units:
1.25 dB
10 dB units:
0.46 dB
20 dB units:
0.044 dB
30 dB units:
0.004 dB
Peak Power:
CSM-M-15G:
1 kW max.
CSM-M-12G:
2 kW max.
All others:
3 kW max.
Input Power (Forward):
50 Watts max.
Reflected Power:
6 dB units:
2 Watts max.
10 dB units:
5 Watts max.
20 dB units:
50 Watts max.
30 dB units:
50 Watts max.
General Notes:
1. The CSM series directional couplers are miniature three port devices utilizing stripline technology in a connectorized package. Each is a
quarter wave coupler operating across an octave band of frequencies. They are ideally suited to monitor forward or reflected power with minimal
perturbation to the main line signal, signal sampling, control loops and for test signal injection devices in BITE.
2. These devices comply with MIL-C-15370 and may be supplied screened for compliance with additional specifications you designate for
military and aerospace applications requiring the highest reliability.
CSM-M-G Series
DIRECTIONAL COUPLERS
250 MHz to 18 GHz / Octave Bands / 50 W / 6, 10, 20 & 30 dB Coupling / Low Cost Stripline / SMA
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
NOTES:
1. Tolerance on 3 place decimals
±.020(.51)
except as noted.
2. Dimensions in inches over millimeters.
3. Weights are nominal on all outlines.
4. Outline 2A differs from 2 in dimension A=5.88"
20Mar96
Package Outline


Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
1X505Directional Couplers 1 2 Anaren Microwave
10616-10Directional Couplers 1 2 3 Anaren Microwave
CRS-10-165DIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
10014-30Directional Couplers In-Line Style 1 2 3 Anaren Microwave
10616-20Directional Couplers 1 2 3 Anaren Microwave
CBF-11A-1250SQDIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
CRZ-11B-500WIDEBAND DIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
10616-30Directional Couplers 1 2 3 Anaren Microwave
CBF-20A-1250SQDIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
CSD-10H-0.9GDIRECTIONAL COUPLERS 1 2 3 4 5 Merrimac Industries, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn