Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4845YS- Datasheet(PDF) 16 Page - Texas Instruments

Part # BQ4845YS-
Description  Parallel RTC With CPU Supervisor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4845YS- Datasheet(HTML) 16 Page - Texas Instruments

Back Button BQ4845YS- Datasheet HTML 12Page - Texas Instruments BQ4845YS- Datasheet HTML 13Page - Texas Instruments BQ4845YS- Datasheet HTML 14Page - Texas Instruments BQ4845YS- Datasheet HTML 15Page - Texas Instruments BQ4845YS- Datasheet HTML 16Page - Texas Instruments BQ4845YS- Datasheet HTML 17Page - Texas Instruments BQ4845YS- Datasheet HTML 18Page - Texas Instruments BQ4845YS- Datasheet HTML 19Page - Texas Instruments BQ4845YS- Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
16
Power-Down/Power-Up Timing (TA =TOPR)
Symbol
Parameter
Minimum
Typical
Maximum
Unit
Conditions
tF
VCC slew from 4.75 to
4.25V
300
-
-
µs
tFS
VCC slew from 4.25 to VSO
10
-
-
µs
tR
VCC slew from VSO to
VPFD(MAX)
100
-
-
µs
tPF
Interrupt delay from
VPFD
6-
24
µs
tWPT
Write-protect time for
external RAM
90
100
125
µs
Delay after VCC slews down past
VPFD before SRAM is write-protected
and RST activated.
tCSR
CS at VIH after power-up
100
200
300
ms
Internal write-protection period af-
ter VCC passes VPFD on power-up.
tRST
VPFD to RST inactive
tCSR
-tCSR
ms
Reset active time-out period
tCER
Chip enable recovery
time
tCSR
-tCSR
ms
Time during which external SRAM
is write-protected after VCC passes
VPFD on power-up.
tCED
Chip enable propagation
delay to external SRAM
-
9
12
ns
Output load A
Caution:
Negative undershoots below the absolute maximum rating of -0.3V in battery-backup mode
may affect data integrity.
Aug. 1995
Power-Down/Power-Up Timing
Notes:
PWRIE set to “1” to enable power fail interrupt.
RST and INT are open drain and require an external pull-up resistor.
bq4845/bq4845Y


Similar Part No. - BQ4845YS-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845YS-A4 TI1-BQ4845YS-A4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4G4 TI1-BQ4845YS-A4G4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4N TI1-BQ4845YS-A4N Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4NG4 TI1-BQ4845YS-A4NG4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4NTR TI1-BQ4845YS-A4NTR Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results

Similar Description - BQ4845YS-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4802YDWRG4 TI1-BQ4802YDWRG4 Datasheet
920Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com