Electronic Components Datasheet Search |
|
BQ4845S- Datasheet(PDF) 6 Page - Texas Instruments |
|
BQ4845S- Datasheet(HTML) 6 Page - Texas Instruments |
6 / 22 page This activity unconditionally write-protects the external SRAM as VCC falls below VPFD. If a memory access is in progress to the external SRAM during power-fail detec- tion, that memory cycle continues to completion before the memory is write-protected. If the memory cycle is not terminated within time tWPT, the chip enable output is unconditionally driven high, write-protecting the con- trolled SRAM. As the supply continues to fall past VPFD, an internal switching device forces VOUT to the external backup en- ergy source. CEOUT is held high by the VOUT energy source. During power-up, VOUT is switched back to the 5V sup- ply as VCC rises above the backup cell input voltage sourcing VOUT.CEOUT is held inactive for time tCER af- ter the power supply has reached VPFD, independent of the CEIN input, to allow for processor stabilization. During power-valid operation, the CEIN input is passed through to the CEOUT output with a propagation delay of less than 12ns. Figure 2 shows the hardware hookup for the external RAM, battery, and crystal. A primary backup energy source input is provided on the bq4845. The BC input accepts a 3V primary battery, typically some type of lithium chemistry. Since the bq4845 provides for reverse battery charging protection, no diode or current limiting resistor is needed in series with the cell. To prevent battery drain when there is no valid data to retain, VOUT and CEOUT are internally iso- lated from BC by the initial connection of a battery. Fol- lowing the first application of VCC above VPFD, this iso- lation is broken, and the backup cell provides power to VOUT and CEOUT for the external SRAM. The crystal should be located as close to X1 and X2 as possible and meet the specifications in the Crystal Specification Table. With the specified crystal, the bq4845 RTC will be accurate to within one minute per month at room temperature. In the absence of a crystal, a 32.768 kHz waveform can be fed into X1 with X2 grounded. Power-On Reset The bq4845 provides a power-on reset, which pulls the RST pin low on power-down and remains low on power- up for tRST after VCC passes VPFD. With valid battery voltage on BC, RST remains valid for VCC=VSS. 6 Figure 2. bq4845 Application Circuit Aug. 1995 bq4845/bq4845Y |
Similar Part No. - BQ4845S- |
|
Similar Description - BQ4845S- |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |