Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ4845YP- Datasheet(PDF) 8 Page - Texas Instruments

Part # BQ4845YP-
Description  Parallel RTC With CPU Supervisor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ4845YP- Datasheet(HTML) 8 Page - Texas Instruments

Back Button BQ4845YP- Datasheet HTML 4Page - Texas Instruments BQ4845YP- Datasheet HTML 5Page - Texas Instruments BQ4845YP- Datasheet HTML 6Page - Texas Instruments BQ4845YP- Datasheet HTML 7Page - Texas Instruments BQ4845YP- Datasheet HTML 8Page - Texas Instruments BQ4845YP- Datasheet HTML 9Page - Texas Instruments BQ4845YP- Datasheet HTML 10Page - Texas Instruments BQ4845YP- Datasheet HTML 11Page - Texas Instruments BQ4845YP- Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Interrupts
The bq4845 allows three individually selected interrupt
events to generate an interrupt request on the INT pin.
These three interrupt events are:
s
The periodic interrupt, programmable to occur once
every 30.5
µs to 500ms
s
The alarm interrupt, programmable to occur once per
second to once per month
s
The power-fail interrupt, which can be enabled to be
asserted when the bq4845 detects a power failure
The periodic, alarm, and power-fail interrupts are en-
abled by an individual interrupt-enable bit in register C,
the interrupts register. When an event occurs, its event
flag bit in the flags register, register D, is set. If the cor-
responding event enable bit is also set, then an interrupt
request is generated. Reading the flags register clears
all flag bits and makes INT high impedance. To reset
the flag register, the bq4845 addresses must be held sta-
ble at register D for at least 50ns to avoid inadvertent
resets.
Periodic Interrupt
Bits RS3–RS0 in the interrupts register program the
rate for the periodic interrupt. The user can interpret
the interrupt in two ways: either by polling the flags
register for PF assertion or by setting PIE so that INT
goes active when the bq4845 sets the periodic flag.
Reading the flags register resets the PF bit and returns
INT to the high-impedance state. Table 4 shows the pe-
riodic rates.
Alarm Interrupt
Registers 1, 3, 5, and 7 program the real-time clock
alarm. During each update cycle, the bq4845 compares
the date, hours, minutes, and seconds in the clock regis-
ters with the corresponding alarm registers. If a match
between all the corresponding bytes is found, the alarm
flag AF in the flags register is set. If the alarm inter-
rupt is enabled with AIE, an interrupt request is gener-
ated on INT. The alarm condition is cleared by a read to
the flags register. ALM1 – ALM0 in the alarm registers,
mask each alarm compare byte. An alarm byte is
masked by setting ALM1 (D7) and ALM0 (D6) to 1.
Alarm byte masking can be used to select the frequency
of the alarm interrupt, according to Table 5.
The alarm interrupt can be made active while the
bq4845 is in the battery-backup mode by setting ABE in
the interrupts register.
Normally, the INT pin goes
high-impedance during battery backup. With ABE set,
however, INT is driven low if an alarm condition occurs
and the AIE bit is set. Because the AIE bit is reset dur-
ing power-on reset, an alarm generated during power-on
reset updates only the flags register. The user can read
the flags register during boot-up to determine if an
alarm was generated during power-on reset.
Power-Fail Interrupt
When VCC falls to the power-fail-detect point, the
power-fail flag PWRF is set. If the power-fail interrupt
enable bit (PWRIE) is also set, then INT is asserted low.
The power-fail interrupt occurs tWPT before the bq4845
generates a reset and deselects.
The PWRIE bit is
cleared on power-up.
Battery-Low Warning
The bq4845 checks the battery on power-up. When the
battery voltage is approximately 2.1V, the battery-valid
flag BVF in the flags register is set to a 0 indicating that
clock and RAM data may be invalid.
8
WD2
WD1
WD0
Normal Watchdog
Time-out Period (t2,t3)
Reset Time-out
Period (t1)
0
0
0
1.5s
0.25s
0
0
1
23.4375ms
3.9063ms
0
1
0
46.875ms
7.8125ms
0
1
1
93.75ms
15.625ms
1
0
0
187.5ms
31.25ms
1
0
1
375ms
62.5ms
1
1
0
750ms
125ms
1
1
1
3s
0.5s
Table 3. Watchdog Time-out Rates
Aug. 1995
bq4845/bq4845Y


Similar Part No. - BQ4845YP-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845Y TI1-BQ4845Y Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4 TI1-BQ4845YS-A4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4G4 TI1-BQ4845YS-A4G4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4N TI1-BQ4845YS-A4N Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4845YS-A4NG4 TI1-BQ4845YS-A4NG4 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
More results

Similar Description - BQ4845YP-

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4845 TI1-BQ4845_14 Datasheet
1Mb / 24P
[Old version datasheet]   Parallel RTC With CPU Supervisor
BQ4847 TI-BQ4847_07 Datasheet
247Kb / 6P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
[Old version datasheet]   RTC Module With CPU Supervisor
BQ4802YDWRG4 TI1-BQ4802YDWRG4 Datasheet
920Kb / 26P
[Old version datasheet]   PARALLEL REAL-TIME CLOCK WITH CPU SUPERVISOR
logo
Intersil Corporation
X1227 INTERSIL-X1227_06 Datasheet
405Kb / 28P
   2-Wire??RTC Real TimeClock/Calendar/ CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1227 RENESAS-X1227 Datasheet
1Mb / 28P
   2-Wire??RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
logo
Intersil Corporation
X1227 INTERSIL-X1227 Datasheet
422Kb / 28P
   2-Wire RTC Real TimeClock/Calendar/CPU Supervisor with EEPROM
X1288 INTERSIL-X1288 Datasheet
428Kb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Xicor Inc.
X1288 XICOR-X1288 Datasheet
560Kb / 31P
   2-Wire RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
logo
Renesas Technology Corp
X1288 RENESAS-X1288 Datasheet
1Mb / 27P
   2-Wire??RTC Real Time Clock/Calendar/CPU Supervisor with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com