Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


4WTAR-B Datasheet(PDF) 2 Page - Systemsensor advanced ideas.

Part No. 4WTAR-B
Description  Smoke Detectors with Sounder and Relay Option
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYSTEMSENSOR [Systemsensor advanced ideas.]
Homepage  http://www.systemsensor.com
Logo 

   
 2 page
background image
3825 Ohio Avenue • St. Charles, IL 60174
Phone: 800-SENSOR2 • Fax: 630-377-6495
©2006 System Sensor.
Product specifications subject to change without notice. Visit systemsensor.com for
current product information, including the latest version of this data sheet.
A05-0348-003 • 7/06 • #1676
Ordering Information
Model
Thermal
Wiring
Alarm Current
2WTA-B
Yes
2-wire
130 mA max. limited by
control panel
2WTR-B
Yes
2-wire
130 mA max. limited by
control panel
4WTA-B
Yes
4-wire
35 mA
4WTR-B
Yes
4-wire
35 mA
4WTAR-B
Yes
4-wire
50 mA
4WITAR-B
Yes
4-wire
50 mA
Smoke Detector Specifications
Electrical Specifications
Operating Voltage
Nominal: 12/24 V non-polarized
2-wire: 8.5 V - 35 V
4-wire: 10 V - 35 V
Maximum Ripple Voltage
30% of applied voltage (peak to peak)
Standby Current
2-wire: 50 µA maximum average
4-wire: 50 µA maximum average
Peak Standby Current
2-wire: 100 µA
4-wire: n/a
Maximum Alarm Current
2-wire: 2WTR-B: 130 mA limited by control
panel
2WTA-B: 130 mA**
4-wire: 4WTA-B, 4WTR-B: 35 mA
4WTAR-B, 4WITAR-B: 50 mA
**Direct Power (Non-reverse Polarity): 130
mA limited by panel. Reverse Polarity Power:
30 mA for the 2WTA-B in alarm; 12 mA for all
other 2WTA-B units on the loop. Add 25 mA
for the RRS-MOD reversing relay alarm current.
Alarm Contact Ratings
2-wire: n/a
4-wire: 0.5 A @ 30V AC/DC
Form C Contact Ratings
2A @ 30V AC/DC
Physical Specifications
Operating Temperature
Range
32°F–100° F (0°C–37.8° C)
Operating Humidity
Range
0 to 95% RH non-condensing
Thermal Sensor
135° F (57.2° C) fixed
Freeze Trouble
41° F (5° C)
Sensitivity
2.5%/ft. nominal
Input Terminals
14–22 AWG
Dimensions (including
base)
5.3 inches (134 mm) diameter, 2.0 inches (51
mm) height
Approximate Weight
7.1 oz. (200 grams)
Sound Pressure Output
85 dBA (models 2WTA-B, 4WTA-B, 4WTAR-B,
and 4WITAR-B only)
Mounting
3½-inch octagonal back box, 4-inch octagonal
back box, Single gang back box, 4-inch square
back box with a plaster ring, Direct mount to
ceiling
LED Modes
LED Mode
Green LED
Red LED
Condition
Duration
Power up
Blink every
10 seconds
Blink every 10
seconds
Initial LED
status
indication
80 seconds
Normal
(standby)
Blink every 5
seconds
off
Out of
sensitivity
off
Blink every 5
seconds
Freeze
trouble
off
Blink every 10
seconds
Alarm
off
Solid
Power Up Sequence for LED Indication
Condition
Duration
Initial LED
status
indication
80 seconds
Architect/Engineer Specifications
Smoke detector shall be a System Sensor i3 Series model number_______,
listed to Underwriters Laboratories UL 268 for Fire Protection Signaling
Systems. The detector shall be a combination photoelectric/thermal
equipped with a sounder (model 2WTA-B, 4WTA-B), a Form C relay (model
2WTR-B), a combination sounder/relay (model 4WTAR-B) or an isolated
thermal/sounder/relay (model 4WITAR-B). The detector shall include a
mounting base for mounting to 3½-inch and 4-inch octagonal, single gang,
and 4-inch square back boxes with a plaster ring, or direct mount to the
ceiling using drywall anchors. Wiring connections shall be made by means
of SEMS screws. The detector shall allow pre-wiring of the base and the
head shall be a plug-in type. The detector shall have a nominal sensitivity
of 2.5% per foot nominal as measured in the UL smoke box. The detector
shall be capable of automatically adjusting its sensitivity by means of drift
compensation and smoothing algorithms. The detector shall provide dual
color LED indication which blinks to indicate power-up, normal standby, out
of sensitivity, alarm, and freeze trouble conditions. When used in conjunction
with the 2W-MOD2 module, 2-wire models shall include a maintenance
signal to indicate the need for maintenance at the alarm control panel, and
shall provide a loop testing capability to verify the circuit without testing each
detector individually. When used in conjunction with the RRS-MOD module,
all i3 sounder models on a loop shall sound when one alarms, all shall be
synchronized, and all sounders may be silenced from the panel.
Model
Description
RRS-MOD
Reversing relay/synchronization module
2W-MOD2
2-wire loop test/maintenance module
SENS-RDR
Sensitivity reader
RT
Removal/replacement tool
A77-AB2
Retrofit adapter bracket




Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2012HDirect-Wire Smoke Detector with Built-in Relay and Horn 1 2 Systemsensor advanced ideas.
1012BDirect-Wire Smoke Detector with Built-in Relay and Horn 1 2 Systemsensor advanced ideas.
74LCX162541Low voltage CMOS 16-bit bus buffer with 5V tolerant inputs and outputs 1 2 3 4 5 MoreSTMicroelectronics
CY25701JXCProgrammable High-Frequency Crystal Oscillator with Spread Spectrum SSXO and No-Spread Spectrum XO Option 1 2 3 4 5 MoreCypress Semiconductor
MC145012Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver 1 2 3 4 5 MoreFreescale Semiconductor, Inc
U6813B_05Fail-safe IC with High-side and Relay Driver 1 2 3 4 5 MoreATMEL Corporation
MC145018Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver 1 2 3 4 5 MoreFreescale Semiconductor, Inc
G6KSurface Mounting Relay with the World’s Smallest Mounting Area and a Height of Only 5.2 mm 1 2 3 4 5 MoreOmron Electronics LLC

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl