Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5451 Datasheet(PDF) 3 Page - Systemsensor advanced ideas.

Part # 5451
Description  Plug-in Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

5451 Datasheet(HTML) 3 Page - Systemsensor advanced ideas.

  5451 Datasheet HTML 1Page - Systemsensor advanced ideas. 5451 Datasheet HTML 2Page - Systemsensor advanced ideas. 5451 Datasheet HTML 3Page - Systemsensor advanced ideas. 5451 Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1
2
3
4
(+)
(–)
(–)
(+)
(–)
1
2
3
4
(–)
(+)
(+)
EOL
RESISTOR
(+)
(–)
(–)
(+)
(–)
OPTIONAL
OPTIONAL
RA400Z
RA400Z
OPTIONAL FAULT TOLERANT WIRING
(+)
(+)
(–)
(–)
1
2
4
3
5
13
14
12
11
10
9
8
RED (+)
(–)
PURPLE
ALARM CIRCUIT
(+)
(–)
1
2
4
3
5
13
14
12
11
10
9
8
RA400Z
(OPTIONAL)
AUXILIARY
CONTACTS
COM
N.C.
N.O.
AUXILIARY
CONTACTS
COM
N.C.
N.O.
BLK
RA400Z
(OPTIONAL)
(+)
(–)
1
2
4
3
5
13
14
12
11
10
9
8
7
6
ALARM
CONTROL
PANEL
(+)
(–)
1
2
4
3
5
13
14
12
11
10
9
8
7
6
120 VAC
120 VAC
EOL
RESISTOR
RA400Z
(OPTIONAL)
AUXILIARY
FORM C
CONTACTS
COM
N.C.
N.O.
AUXILIARY
FORM C
CONTACTS
COM
N.C.
N.O.
RA400Z
(OPTIONAL)
SUPERVISION CIRCUIT
ALARM CIRCUIT
EOL
RESISTOR
(+)
(–)
1
2
3
4
5
14
13
12
OPTIONAL NFPA CLASS “A” WIRING
1
2
3
5
14
13
12
4
AUXILIARY
CONTACTS
COM
N.C.
N.O.
AUXILIARY
CONTACTS
COM
N.C.
N.O.
B401 Series
B402B
B404B
B406B


Similar Part No. - 5451

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5451 POMONA-5451 Datasheet
88Kb / 5P
   PLCC Socket Breakouts
logo
Systemsensor advanced i...
5451 SYSTEMSENSOR-5451 Datasheet
231Kb / 2P
   400 Series Plug-In Thermal Detectors
logo
3M Electronics
5451 3M-5451 Datasheet
318Kb / 2P
   PTFE Glass Cloth Tape
logo
Knowles Electronics
5451 KNOWLES-5451 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
List of Unclassifed Man...
54510 ETC2-54510 Datasheet
300Kb / 1P
   Two-Way Splice Connectors - Standard Barrel 600V to 35KV
More results

Similar Description - 5451

ManufacturerPart #DatasheetDescription
logo
Gamewell-FCI by Honeywe...
SS-I GAMEWELL-FCI-SS-I Datasheet
98Kb / 2P
   Intelligent Addressable Plug-In Ionization Smoke Detector
logo
Systemsensor advanced i...
7251 SYSTEMSENSOR-7251 Datasheet
206Kb / 2P
   Low-Profile Plug-in Intelligent Laser Smoke Detector
logo
Gamewell-FCI by Honeywe...
SS-L GAMEWELL-FCI-SS-L Datasheet
233Kb / 4P
   Laser Smoke Detector
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
Greystone Energy System...
DSD GREYSTONE-DSD Datasheet
670Kb / 2P
   DUCT SMOKE DETECTOR
01/20
logo
Systemsensor advanced i...
300SERIES SYSTEMSENSOR-300SERIES Datasheet
487Kb / 4P
   Photoelectronic Smoke Detector
logo
Allegro MicroSystems
5350 ALLEGRO-5350 Datasheet
75Kb / 8P
   SMOKE DETECTOR WITH INTERCONNECT
logo
NTE Electronics
RX1700-2.5 NTE-RX1700-2.5 Datasheet
120Kb / 7P
   ECG Smoke Detector Tester
logo
Systemsensor advanced i...
APA151 SYSTEMSENSOR-APA151 Datasheet
750Kb / 2P
   Duct Smoke Detector Accessories
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com