Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

400SERIES Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part No. 400SERIES
Description  Direct-Wire Photoelectronic Smoke Detector
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SYSTEMSENSOR [Systemsensor advanced ideas.]
Homepage  http://www.systemsensor.com
Logo 

400SERIES Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
A05-194-03
Ordering Information
The MOD400R Field Sensitivity Test Module can be used with
any standard DC voltmeter or multimeter to check the
sensitivity range of System Sensor’s detectors (satisfies NFPA
72 requirement for sensitivity testing).
RA400Z Remote
Annunciator, 3 – 32V
Use with ion and photo
detectors that have remote
annunciator output
Part No.
Description
Two-Wire Models
2400
Photoelectronic detector, 2-wire, 12/24 VDC
2400A
Same as above, Canadian model
2400TH
Photoelectronic detector, 2-wire, 12/24 VDC with
built-in 135
°F fixed heat sensor
Four-Wire Models
2412B
Photoelectronic detector, 4-wire, 12 VDC, with
auxiliary contacts
2412BA
Same as above, Canadian model
2412THB
Photoelectronic detector, 4-wire, 12 VDC, with
auxiliary contacts and integral 135
°F fixed heat
sensor
2424
Photoelectronic detector, 4-wire, 24 VDC, with
auxiliary contacts
2424TH
Photoelectronic detector, 4-wire, 24 VDC, with
auxiliary contacts and integral 135
°F fixed heat
sensor
Accessories
A77-716B
End of line relay for power supervision, 12/24 VDC
RA400Z
Remote annunciator for 2 or 4 wire systems, 3-32V –
Use with ion and photo detectors. Fits standard U.S.
single gang electrical box. (See below.)
MOD400R Detector sensitivity test module – Use with most
analog or digital multimeters. Satisfies requirement
of NFPA 72 for sensitivity testing. (See below.)
RS24
Replacement insect screen for 2400, 2412B, 2424
RS24T
Replacement insect screen for 2400TH, 2412THB and
2424TH
DUST45
Replacement protective dust cover for 400 Series
System Sensor Worldwide Manufacturing & Distribution
In Canada:
Telephone: 905-812-0767
Fax: 905-812-0771
In China:
Telephone: 86-29-524-6253
Fax: 86-29-524-6259
In the Far East:
Telephone: 852-2191-9003
Fax: 852-2736-6580
In India:
Telefax: 91-11-5676815
In Italy:
Telephone: 39-40-949011
Fax: 39-40-382137
In the United Kingdom:
Telephone: 44-1403-276500
Fax: 44-1403-276501


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MC14468Low-Power CMOS Ionization Smoke Detector IC with Interconnect 1 2 3 4 5 MoreFreescale Semiconductor, Inc
M75012PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT 1 2 3 4 5 MoreList of Unclassifed Manufacturers
RX1700-2.5ECG Smoke Detector Tester 1 2 3 4 5 MoreNTE Electronics
MC145011Photoelectric Smoke Detector IC with I/O For Line-Powered Applications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC145010Photoelectric Smoke Detector IC with I/O 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MC145012Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn