Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP1R2415ADA Datasheet(PDF) 4 Page - Systemsensor advanced ideas.

Part # SP1R2415ADA
Description  Speakers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYSTEMSENSOR [Systemsensor advanced ideas.]
Direct Link  http://www.systemsensor.com
Logo SYSTEMSENSOR - Systemsensor advanced ideas.

SP1R2415ADA Datasheet(HTML) 4 Page - Systemsensor advanced ideas.

  SP1R2415ADA Datasheet HTML 1Page - Systemsensor advanced ideas. SP1R2415ADA Datasheet HTML 2Page - Systemsensor advanced ideas. SP1R2415ADA Datasheet HTML 3Page - Systemsensor advanced ideas. SP1R2415ADA Datasheet HTML 4Page - Systemsensor advanced ideas.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4
A05-191-04
Ordering Information – Sound Choice
TM Speakers
Speaker
Strobe
Description
Voltage
Voltage
Candela
SP100 Series Speakers
Red
White
SP100W
Round, 8
″ grille, 1/8–4 watt power taps
25/70.7 Vrms
SP101R
SP101W
Square, 5
″ grille, 1/8–4 watt power taps
25/70.7 Vrms
SP1R2415ADA
SP1W2415ADA
Square, 5
″ grille, 1/8–4 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
15 cd
SP1R241575ADA
SP1W241575ADA
Square, 5
″ grille, 1/8–4 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
15/75 cd
SP1R2475ADA
SP1W2475ADA
Square, 5
″ grille, 1/8–4 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
75 cd
SP1R24110ADA
SP1W24110ADA
Square, 5
″ grille, 1/8–4 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
110 cd
V400 Series Speakers
Red
Beige
White
V400R
V400B
V400W
Square, 4
″ grille, 1/4–2 watt power taps
25/70.7 Vrms
V4R2415ADA
Square, 4
″ grille, 1/4–2 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
15 cd
V4R241575ADA
Square, 4
″ grille, 1/4–2 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
15/75 cd
V4R2475ADA
Square, 4
″ grille, 1/4–2 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
75 cd
V4R24110ADA
Square, 4
″ grille, 1/4–2 watt power taps, wall strobe, UL 1971
25/70.7 Vrms
24 VDC
110 cd
MP-F
MP-FB
MP-FW
Flush mounting plate
BB-D
Flush mounting deep backbox, 23/4
″ deep
MP-SF
MP-SFB
MP-SFW
Semi-flush mounting plate
UL 1638 Strobe attachments for V400*
Red
Beige
SS12LO
Signal strobe
12 VDC
1.5 cd
SS24LO
SS24LOB
Signal strobe
24 VDC
1.5 cd
SS24LOC
Ceiling mount signal strobe
24 VDC
1.5 cd
SS24M
Signal strobe
24 VDC
15 cd
SS24MC
Ceiling mount signal strobe
24 VDC
15 cd
* Although the SSLO and SSM Series signal strobes are UL listed as primary signaling devices, when combined with the V400 speaker they are consid-
ered as a secondary signaling device only.
How to Order SP100 Series Speakers with Strobes
SP1R2415ADA
15 = 15 cd, UL 1971 Strobe
1575 = 15 cd, UL 1971, 75 cd on axis
75 = 75 cd, UL 1971 Strobe
110 = 110 cd, UL 1971 Strobe
24 = 24 VDC Strobe
SP1R = Square Grille, Red Speaker
SP1W = Square Grille, White Speaker
V4R = V400 Square, Red Speaker
System Sensor Worldwide Manufacturing & Distribution
In Canada:
Telephone: 905-812-0767
Fax: 905-812-0771
In China:
Telephone: 852-2191-9003
Fax: 852-2736-6580
In the Far East:
Telephone: 852-2191-9003
Fax: 852-2736-6580
In India:
Telefax: 91-022-8202564
In Italy:
Telephone: 39-40-9490-111
Fax: 39-40-382137
In the United Kingdom:
Telephone: 44-1403-276500
Fax: 44-1403-276501


Similar Part No. - SP1R2415ADA

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SP1 RFSOLUTIONS-SP1 Datasheet
729Kb / 2P
   Guitar or/and Bass Preamplifier
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
582Kb / 1P
   Leiterplatten-Direktsteckverbinder, Raster 2,5-5,08 mm
logo
Grayhill, Inc
SP1 GRAYHILL-SP1 Datasheet
871Kb / 6P
   Miniature Toggle Switches
logo
TE Connectivity Ltd
SP1 TEC-SP1 Datasheet
1Mb / 5P
   Compact String Pot ??Voltage Divider
logo
Lumberg
SP1 LUMBERG-SP1 Datasheet
248Kb / 3P
   Direct connectors for insert cards, pitch 2.5/2.54/5.0/ 5.08 mm
More results

Similar Description - SP1R2415ADA

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
V400 SYSTEMSENSOR-V400 Datasheet
127Kb / 2P
   Speakers
logo
List of Unclassifed Man...
S050M ETC2-S050M Datasheet
123Kb / 1P
   Internal Sounders Speakers
logo
Ultralife Corporation.
MRC-67 ULTRALIFE-MRC-67 Datasheet
681Kb / 2P
   Amplified Speakers
03 JUL 19
logo
List of Unclassifed Man...
SM1EZSM4T ETC-SM1EZSM4T Datasheet
844Kb / 1P
   Easy Install Speakers
logo
Gamewell-FCI by Honeywe...
SP200W GAMEWELL-FCI-SP200W Datasheet
285Kb / 2P
   Dual-Voltage Transformer Speakers
logo
PUI audio inc.
AS01508AO-LW25-R PUIAUDIO-AS01508AO-LW25-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
AS01508AO-SC-R PUIAUDIO-AS01508AO-SC-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
logo
Systemsensor advanced i...
SP200W SYSTEMSENSOR-SP200W Datasheet
396Kb / 2P
   Dual-Voltage Evacuation Speakers
logo
PUI audio inc.
AS01508AO-3-R PUIAUDIO-AS01508AO-3-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
AS01508AO-SC-WP-R PUIAUDIO-AS01508AO-SC-WP-R Datasheet
1Mb / 4P
   Slim-Line Micro Speakers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com