Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

L-694 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. L-694
Description  Common Mode Inductor For DC/DC Power supply
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

L-694 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Transformers & Magnetic Products
PARAMETER
MIN.
TYP.
MAX.
UNITS
Inductance @ 0.20 Vrms / 1 kHz
5.00
6.16
7.40
mH
DCR Max. of each Winding
20
m
RMS rated Current for 40OC rise.
15
A
Leakage Inductance
74
µH
Dielectric Strength
1250
Vrms
Creepage Between Windings
3.0
mm
DO NOT EXCEED RATED RMS CURRENT.
1 OF 1
4/26/01
L-694
Common Mode Inductor
For DC/DC Power supply
Single Layer Windings with
Spacers specially designed by
Rhombus Industries to provide
3mm Creepage and Clearance
for International Safety
Compliance.
Operating Temperature: These
parts are made
with materials rated for 1300C
minimum, and these
components can be safely
operated up to 130OC. *
* AMBIENT + TEMPERATURE
RISE. In addition, inductance
will be effected by an increase
in temperature. Typically:
20% increase to 500C
40% increase to 1000C
65% increase to 1300C
www.rhombus-ind.com
Schematic Diagram
Physical Dimensions - inches (mm)
LEADS ARE # 15 AWG
Lead Diameter .057(1.44)
Leads Stripped to within
0.062 (1.58) of the coil.
2.600
(66.04)
Typ.
.720
(18.28)
Typ.
3.00
(76.20)
Typ.
1.800
(45.70)
Typ.
0.640
(16.25)
Typ.
.220
(5.60)
Typ.
1
3
2
4


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn