Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CRZ-11B-500 Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part No. CRZ-11B-500
Description  WIDEBAND DIRECTIONAL COUPLERS
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MERRIMAC [Merrimac Industries, Inc.]
Homepage  http://www.merrimacind.com
Logo 

CRZ-11B-500 Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
B-size Outline
GENERAL SPECIFICATIONS
Impedance:
50
Ω nom.
Frequency Sensitivity:
±1 dB, max.
Insertion Loss (above Coupling Value):
10 to 500 MHz:
1 dB max.
500 to 1000 MHz:
1.5 dB max.
Directivity:
10 to 300 MHz:
20 dB min.
300 to 800 MHz:
15 dB min.
800 to 1000 MHz:
13 dB min.
VSWR: 10 to 500 MHz:
1.5:1 max.
500 to 1000 MHz:
1.8:1 max.
CW Input:
1 W max.
Weight, Nominal:
0.007 oz.
(200 mg)
Operating Temperature:
-- 55° to +85°
General Notes:
1. Bi-directional couplers in the CRZ-B
CaseFree series are size and process
compatible with MMIC and other similar
sub-miniature components. Their low
0.130" profile facilitates integration with
hermetic packages using silver epoxy,
solder or wire bonding attachment
methods.
2. Similarly constructed couplers are
available in the CBZ-B series with the
"reverse coupled port" terminated for
use as a 3-port directional coupler.
3. Applications of directional couplers
include monitoring of incident and
reflected power, signal sampling for
control loops and test signal injection
devices in BITE.
PRINCIPAL SPECIFICATIONS
Model
Coupling,
RF
Number
dB
Bandwidth
CRZ-11B-500
11
±1
10 to 1000 MHz
CRZ-20B-500
20
±1
10 to 1000 MHz
Coupling Value is referred to Input Port
CRZ-B Series
WIDEBAND DIRECTIONAL COUPLERS
10 to 1000 MHz / 4-Port / Miniature MMIC Compatible Design / Minimal Size and Weight / Case-Free
Pad
Function
1
Main Output
2
Main Input
3
Forward Coupled Port
4
Reverse Coupled Port
NOTES:
1. Tolerance on 3 place decimals
±.010(.25)
except as noted.
2. Max. is largest dimension allowed.
3. Dimensions in inches over millimeters.
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
03May96


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CBP-10N-375WIDEBAND DIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
CBZ-11B-500WIDEBAND DIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
1X505Directional Couplers 1 2 Anaren Microwave
10616-10Directional Couplers 1 2 3 Anaren Microwave
CRS-10-165DIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
10014-30Directional Couplers In-Line Style 1 2 3 Anaren Microwave
10616-20Directional Couplers 1 2 3 Anaren Microwave
CBF-11A-1250SQDIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.
10616-30Directional Couplers 1 2 3 Anaren Microwave
CBF-20A-1250SQDIRECTIONAL COUPLERS 1 Merrimac Industries, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn