Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-19532 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-19532
Description  SURFACE MOUNT DRUM CORE INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-19532 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-19532 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rhombus
Transformers & Magnetic Products
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
SURFACE MOUNT DRUM CORE INDUCTOR
SMTDRUM3
www.rhombus-ind.com
L1
DCR
SRF
Part
+20%
I2
SAT
+15%
Typ.
Number
(
µH )
(Amps)
(
Ω)
(MHz)
L-19530
1.0
9.0
.009
83.7
L-19531
1.5
8.0
.010
67.5
L-19532
2.2
7.0
.012
58.0
L-19533
3.3
6.4
.015
45.4
L-19534
4.7
5.4
.018
39.3
L-19535
6.8
4.6
.027
30.8
L-19536
10
3.8
.038
24.2
L-19537
15
3.0
.046
18.2
L-19538
22
2.6
.085
17.0
L-19539
33
2.0
.100
13.9
L-19540
47
1.6
.140
10.5
L-19541
68
1.4
.200
9.30
L-19542
100
1.2
.280
7.00
L-19543
150
1.0
.440
5.30
L-19544
220
0.8
.580
4.40
L-19545
330
0.6
1.02
3.00
L-19546
470
0.5
1.27
2.50
L-19547
680
0.4
2.00
2.00
L-19548
1000
0.3
3.00
1.30
Electrical Specifications at 25OC.
SIZE 3
Our surface mount drum core
inductors are designed for small
board spaces, low cost and high
performance.
High current per volume.
Reflow compatible.
Flat top for pick and place.
Packaged in Tape and Reel
(Minimum order restrictions may apply)
.370
(9.40)
Max.
.510
(12.95)
Max.
.100
(2.54)
.100
(2.54)
.300
(7.62)
.330
(8.38)
.215
(5.46.)
Max.
Physical Dimensions
inches (mm)
Notes:
1. Inductance tested at 100 mV
RMS and 100 kHz.
2. Current for 10% drop in Inductance typical.


Similar Part No. - L-19532

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-19500 RHOMBUS-IND-L-19500 Datasheet
15Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19501 RHOMBUS-IND-L-19501 Datasheet
15Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19502 RHOMBUS-IND-L-19502 Datasheet
15Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19503 RHOMBUS-IND-L-19503 Datasheet
15Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19504 RHOMBUS-IND-L-19504 Datasheet
15Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
More results

Similar Description - L-19532

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-19513 RHOMBUS-IND-L-19513 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19553 RHOMBUS-IND-L-19553 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19549 RHOMBUS-IND-L-19549 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19500 RHOMBUS-IND-L-19500 Datasheet
15Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
L-19555 RHOMBUS-IND-L-19555 Datasheet
16Kb / 1P
   SURFACE MOUNT DRUM CORE INDUCTOR
logo
Pulse A Technitrol Comp...
PA4300.102NLT PULSE-PA4300.102NLT Datasheet
701Kb / 3P
   Shielded Drum Core Inductor
PA4320.103NLT PULSE-PA4320.103NLT Datasheet
285Kb / 2P
   Shielded Drum Core Inductor
PA4321.152NLT PULSE-PA4321.152NLT Datasheet
263Kb / 2P
   Shielded Drum Core Inductor
PA4306.102NLT PULSE-PA4306.102NLT Datasheet
860Kb / 4P
   Unshielded Drum Core Inductor
logo
Filtran LTD
CBP1252 FILTRAN-CBP1252 Datasheet
50Kb / 1P
   Chokes Drum Core Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com