Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGN-30-1G Datasheet(PDF) 1 Page - Merrimac Industries, Inc.

Part # CGN-30-1G
Description  DUAL DIRECTIONAL COUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MERRIMAC [Merrimac Industries, Inc.]
Direct Link  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CGN-30-1G Datasheet(HTML) 1 Page - Merrimac Industries, Inc.

  CGN-30-1G Datasheet HTML 1Page - Merrimac Industries, Inc. CGN-30-1G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Notes:
1. The CGN-30-G series of high power dual directional
couplers monitor both forward and reflected power on
antenna feeds. They comprise directional couplers on
each side of the main line to minimize coupled length
and resulting insertion loss. Models are available for
Cellular, GSM and PCN/PCS base stations.
2. Heat generated by losses and reflections is quickly
dissipated from the main line through highly
conductive materials and loads
to optimize
performance and enhance reliability.
3. These models comply with MIL-C-15370 and may
be supplied screened for compliance with additional
specifications you designate for military and aerospace
applications requiring higher reliability.
GENERAL SPECIFICATIONS
VSWR, Coupled Line:
1.1:1 typ.,
1.2:1 max.
Peak Power, Main Line: 10 kW peak max.
Impedance:
50
Ω nom.
Operating Range:
-- 55° to +85°C
Connectors, SMA/N-type: To meet the inter-
face requirements
of MIL-C-39012.
PRINCIPAL SPECIFICATIONS
Frequency Coupling¤ Coupling Directivity,
*Insertion
VSWR,
CW
Pkg.
Model
Range,
Value,
Flatness,
dB,
Loss, dB,
Main Line,
Input,
Out.
Number
GHz
dB
dB
Typ.
Min.
Typ.
Max.
Typ.
Max. W, Max. Ref.
CGN-30-0.9G
0.8 - 0.96
30
± 1
± 0.2
30
25
0.07
0.1
1.05:1 1.10:1
500
A
CGN-30-1G
0.7 - 1.4
30
± 1
± 1.0
30
25
0.07
0.1
1.05:1 1.10:1
400
A
CGN-30-1.5G
1.0 - 2.0
30
± 1
± 1.0
28
23
0.18
0.25
1.05:1 1.15:1
350
A
CGN-30-1.8G
1.8 - 1.9
30
± 1
± 0.2
30
25
0.18
0.20
1.05:1 1.10:1
350
B
CGN-30-3G
2.0 - 4.0
30
± 1
± 1.0
25
22
0.18
0.25
1.05:1 1.20:1
300
B
CGN-30-3.9G
2.6 - 5.2
30
± 1
± 1.0
25
20
0.1
0.2
1.10:1 1.20:1
300
B
CGN-30-6G
4.0 - 8.0
30
± 1
± 1.0
25
18
0.1
0.2
1.10:1 1.20:1
250
C
¤Coupling is referenced to the input
* Insertion Loss including Coupling ‘‘Loss’’
CGN-30-G Series
DUAL DIRECTIONAL COUPLERS
0.7 to 8 GHz / Very Low Insertion Loss / 500 W CW Failsafe / 30 dB Coupling to Both Ports / N-
type
For further information contact MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
A-Package Outline
24May96


Similar Description - CGN-30-1G

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
CDM-10M-.75G MERRIMAC-CDM-10M-.75G Datasheet
83Kb / 2P
   DUAL DIRECTIONAL COUPLERS
logo
Tyco Electronics
CH20 MACOM-CH20 Datasheet
220Kb / 2P
   HIGH POWER DUAL DIRECTIONAL COUPLERS
logo
SYNERGY MICROWAVE CORPO...
KEK-704DH SYNERGY-KEK-704DH Datasheet
25Kb / 1P
   DUAL HIGH POWER DIRECTIONAL COUPLERS
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com