Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ3287 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ3287
Description  Real-Time Clock RTC Module
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ3287 Datasheet(HTML) 1 Page - Texas Instruments

  BQ3287 Datasheet HTML 1Page - Texas Instruments BQ3287 Datasheet HTML 2Page - Texas Instruments BQ3287 Datasheet HTML 3Page - Texas Instruments BQ3287 Datasheet HTML 4Page - Texas Instruments BQ3287 Datasheet HTML 5Page - Texas Instruments BQ3287 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
® Direct clock/calendar replace-
ment for IBM
® AT-compatible
computers and other applications
® Functionally compatible with the
DS1287/DS1287A and MC146818A
® 114 bytes of general nonvolatile
storage
® Integral lithium cell and crystal
® 160 ns cycle time allows fast bus
operation
® Selectable Intel or Motorola bus
timing
® 14 bytes for clock/calendar and
control
® BCD or binary format for clock
and calendar data
® Time of day in seconds, minutes,
and hours
- 12- or 24-hour format
- Optional daylight saving
adjustment
® Calendar in day of the week, day
of the month, months, and years
with automatic leap-year adjust-
ment
® Programmable square wave out-
put
® Three individually maskable in-
terrupt event flags:
- Periodic rates from 122 µsto
500 ms
- Time-of-day alarm once per
second to once per day
- End-of-clock update cycle
® Better than one minute per
month clock accuracy
General Description
The CMOS bq3287/bq3287A is a
low-power microprocessor periph-
eral providing a time-of-day clock
and 100-year calendar with alarm
features and battery operation.
Other features include three
maskable interrupt sources, square-
wave output, and 114 bytes of gen-
eral non volatile storage. The
bq3287A version is identical to the
bq3287, with the addition of the RAM
clear input.
The bq3287 is a fully compatible
real-time c loc k for IBM A T-
compatible computers and other ap-
plications. The bq3287 write-
protects the clock, calendar, and
storage registers during power fail-
ure. The integral backup energy
source then maintains data and op-
erates the clock and calendar.
As shipped from Benchmarq, the
real time clock is turned off to maxi-
mize battery capacity for in-system
operation.
The bq3287 is functionally equiva-
lent to the bq3285, except that the
battery (16, 20) and crystal (2, 3)
pins are not accessible. These pins
are connected internally to a coin
cell and quartz crystal. The coin cell
is sized to provide 10 years of data
retention and clock operation in the
absence of power. For a complete de-
scription of features, operating con-
ditions, electrical characteristics,
bus timing, and pin descriptions, see
the bq3285 data sheet.
1
Pin Names
AD0–AD7
Multiplexed address/data
input/output
MOT
Bus type select input
CS
Chip select input
AS
Address strobe input
DS
Data strobe input
R/W
Read/write input
INT
Interrupt request output
1
PN328701.eps
24-Pin DIP Module
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
9
10
16
15
11
12
14
13
VCC
SQW
NC
NC
INT
RST
DS
NC
R/W
AS
CS
MOT
NC
NC
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VSS
NC/RCL
Sept. 1996 D
RST
Reset input
SQW
Square wave output
NC
No connect
RCL
RAM clear input
(bq3287A only)
VCC
+5V supply
VSS
Ground
Pin Connections
bq3287/bq3287A
Real-Time Clock (RTC) Module


Similar Part No. - BQ3287

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BQ3287 ETC2-BQ3287 Datasheet
116Kb / 8P
   Real-Time Clock (RTC) Module
logo
Texas Instruments
BQ3287 TI1-BQ3287 Datasheet
305Kb / 9P
[Old version datasheet]   Real-Time Clock (RTC) Module
BQ3287A TI1-BQ3287A Datasheet
305Kb / 9P
[Old version datasheet]   Real-Time Clock (RTC) Module
BQ3287AMT-I TI1-BQ3287AMT-I Datasheet
318Kb / 9P
[Old version datasheet]   Real-Time Clock (RTC) Module
BQ3287AMT-I TI1-BQ3287AMT-I Datasheet
305Kb / 9P
[Old version datasheet]   Real-Time Clock (RTC) Module
More results

Similar Description - BQ3287

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ3287AMT-SB2 TI1-BQ3287AMT-SB2 Datasheet
318Kb / 9P
[Old version datasheet]   Real-Time Clock (RTC) Module
BQ3287E TI-BQ3287E Datasheet
78Kb / 7P
[Old version datasheet]   Real-Time Clock RTC Module
BQ3287E TI1-BQ3287E_14 Datasheet
303Kb / 8P
[Old version datasheet]   Real-Time Clock (RTC) Module
BQ3287A TI1-BQ3287A Datasheet
305Kb / 9P
[Old version datasheet]   Real-Time Clock (RTC) Module
logo
List of Unclassifed Man...
BQ3287 ETC2-BQ3287 Datasheet
116Kb / 8P
   Real-Time Clock (RTC) Module
logo
Texas Instruments
BQ3285 TI-BQ3285 Datasheet
553Kb / 22P
[Old version datasheet]   Real-Time Clock RTC
logo
National Semiconductor ...
DP8573A NSC-DP8573A Datasheet
270Kb / 16P
   Real Time Clock (RTC)
logo
Texas Instruments
BQ3285E TI-BQ3285E Datasheet
1Mb / 29P
[Old version datasheet]   Real-Time Clock RTC
BQ3285E TI1-BQ3285E_15 Datasheet
1Mb / 36P
[Old version datasheet]   Real-Time Clock (RTC)
BQ32000 TI-BQ32000 Datasheet
513Kb / 20P
[Old version datasheet]   REAL-TIME CLOCK (RTC)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com