Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L-15303 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # L-15303
Description  Self-Leaded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

L-15303 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  L-15303 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers & Magnetic Products
Industries Inc.
SL-L - 5/97
Rhombus
Specifications are subject to change without notice
15801 Chemical Lane
Huntington Beach, California 92649-1595
Phone: (714) 898-0960 z FAX: (714) 896-0971
39
Self-Leaded
Surface Mount
Inductors
L + 20%
L (1)
I
DC
ET (1)
DCR
Part
No DC
With DC
Product
max.
Size
Number
(
µH )
( µH )
( A )
( V-
µS )
( m
Ω )Code
L-15300
7.0
6.2
1.40
1.33
70.0
SL-1
L-15301
22.7
17.6
1.00
2.40
125.0
SL-1
L-15302
35.3
29.7
1.40
4.60
165.0
SL-2
L-15303
73.0
58.1
1.30
7.83
290.0
SL-3
L-15304
167.0
114.0
0.94
10.00
380.0
SL-2
L-15305
292.0
192.0
0.90
15.70
560.0
SL-3
L-15306
672.0
383.0
0.72
23.50
862.0
SL-3
L-15307
1134.0
645.0
0.74
36.50
1250.0
SL-4
L-15308
1950.0
1070.0
0.71
54.40
1700.0
SL-5
L-15309
1.1
1.0
3.40
0.53
11.0
SL-1
L-15310
12.3
9.4
2.80
2.70
43.4
SL-2
L-15311
21.9
16.2
2.70
4.29
63.0
SL-3
L-15312
40.5
29.1
2.70
6.90
85.0
SL-4
L-15313
72.9
50.0
2.60
10.50
133.0
SL-5
L-15314
5.2
3.8
4.80
1.76
17.3
SL-2
L-15315
7.5
5.1
5.40
2.51
17.7
SL-3
L-15316
14.0
9.0
5.50
4.06
22.3
SL-4
L-15317
25.9
16.1
5.10
6.27
32.0
SL-5
L-15318
3.8
2.5
8.00
1.77
8.3
SL-3
L-15319
7.9
4.9
7.80
3.04
12.4
SL-4
L-15320
16.0
9.3
7.20
4.92
18.7
SL-5
Tape & Reel
Available
Schematic
1
2
Electrical Specifications at 25OC
Low Profile, Self-Leaded Design
Base material meets UL 94VO rating
IR & Vapor Reflow Compatible
Designed for low profile applications
such as Lap Top and Notebook Computers.
NEW!
1) Typical values for a 55OC Temperature
rise. At 500 kHz and E-T value above,
the core loss is 10 % of copper loss.
SL-1
SL-2
SL-3
SL-4
SL-5
A
0.340
0.435
0.560
0.590
0.670
B
0.340
0.440
0.565
0.615
0.700
C
0.270
0.360
0.360
0.390
0.390
D
0.260
0.350
0.450
0.500
0.580
E
0.300
0.400
0.520
0.550
0.620
F
0.270
0.360
0.460
0.510
0.590
*Tolerance
is
+ .015 (0.38)
**
Tolerance
is
+ .005 (0.15)
A
C
E **
F **
D *
B
.060"
Typ.
Physical Dimensions
inches
Operating
Temperature
Range:
-400C to +850C


Similar Part No. - L-15303

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-15322 RHOMBUS-IND-L-15322 Datasheet
19Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15329 RHOMBUS-IND-L-15329 Datasheet
27Kb / 1P
   HIGH CURRENT COUPLED INDUCTOR
L-15334 RHOMBUS-IND-L-15334 Datasheet
24Kb / 1P
   Low Current Coupled Inductor
L-15335 RHOMBUS-IND-L-15335 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15336 RHOMBUS-IND-L-15336 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
More results

Similar Description - L-15303

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
L-15351 RHOMBUS-IND-L-15351 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15363 RHOMBUS-IND-L-15363 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15374 RHOMBUS-IND-L-15374 Datasheet
18Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15345 RHOMBUS-IND-L-15345 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15352 RHOMBUS-IND-L-15352 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15357 RHOMBUS-IND-L-15357 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15364 RHOMBUS-IND-L-15364 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15368 RHOMBUS-IND-L-15368 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15339 RHOMBUS-IND-L-15339 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
L-15341 RHOMBUS-IND-L-15341 Datasheet
21Kb / 1P
   Surface Mount Self-Leaded Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com