Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

L-503 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. L-503
Description  Mini Drum Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

L-503 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Transformers & Magnetic Products
www.rhombus-ind.com
1 OF 1
3/15/01
L-503
HIGH CURRENT PER VOLUME
Designed for Noise, Spike & Filtering applications.
Mini Drum Inductors
L (1)
DCR
I
Part
+ 20%
Nom.
Max.
Number
( µH )
( m
Ω )
( A )
L-503
4.3
4.4
6.0
Electrical Specifications at 25OC
Reference Dimensions in Inches (mm)
HDIA.
P
L
.59
.49
.40
.75
(15.0)
(12.4)
(10.1)
(19.0)
Schematic
Diagram
Physical Dimensions
inches (mm)
Coils finished with UL rated varnish.
Variations on electrical parameters of parts
listed are available - Please contact factory.
Pre-Tinned Leads
(up to bottom of core)
Applications
Power Supplies
Filters
SCR and Triac Controls
OEM Equipment
Telephones
TV, CRT'S, VCR'S
Appliances
1. Tested at 100 kHz & 1 V
RMS
L
H
P
DIA.
Height dimensions are without
solder joint or coatings
LEADS ARE #18 AWG


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn