Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

L-487 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part No. L-487
Description  Common Mode Inductor For DC/DC Power supply
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RHOMBUS-IND [Rhombus Industries Inc.]
Homepage  http://www.rhombus-ind.com
Logo 

L-487 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
Rhombus
Industries Inc.
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Transformers & Magnetic Products
1 OF 1
01/08/01
L-487
Physical Dimensions - inches (mm)
PARAMETER
MIN.
MAX.
UNITS
Inductance @ 0.20 Vrms / 1 kHz
1.29
2.40
mH
DCR Max. of each Winding
7.0
m
RMS rated Current for 40OC rise.
20
A
Leakage Inductance
12
µH
Dielectric Strength
1250
Vrms
Creepage Between Windings
3.0
mm
DO NOT EXCEED RATED RMS CURRENT.
Common Mode Inductor
For DC/DC Power supply
Single Layer Windings with
Spacers specially designed by
Rhombus Industries to provide
3mm Creepage and Clearance
for International Safety
Compliance.
Operating Temperature: These
parts are made
with materials rated for 1300C
minimum, and these
components can be safely
operated up to 130OC. *
* AMBIENT + TEMPERATURE
RISE. In addition, inductance
will be effected by an increase
in temperature. Typically:
20% increase to 500C
40% increase to 1000C
65% increase to 1300C
www.rhombus-ind.com
Schematic Diagram
Leads Stripped to within
0.062 (1.58) of the coil.
1.36
(34.54).
.770
(19.55)
Typ.
.500
(12.70)
Typ.
1.00
(25.40)
Typ.
.280
(7.11)
Typ.
LEADS ARE # 14 AWG
Lead Diameter .0641(1.62)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn