Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-600 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-600
Description  Modem Coupling Transformer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-600 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-600 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NAME:
SHEET:
DATE:
RHOMBUS P/N:
CUST P/N:
15801 Chemical Lane, Huntington Beach, CA 92649
Phone: (714) 898-0960
FAX: (714) 896-0971
Rhombus
Transformers & Magnetic Products
Industries Inc.
www.rhombus-ind.com
PARAMETER
MIN.
NOM.
MAX.
UNITS
Impedance primary
600
Impedance secondary
374
D.C. Resistance Pri.
97.2
108
118
D.C. Resistance Sec.
108
120
132
Return Loss at 1kHz
30
dB
Longitudinal Balance 60-1000 Hz
60
dB
Longitudinal Balance at
1kHz to 4 kHz
40
dB
Total Harmonic Distortion
-76
dB
600, 10 dBm
Dielectric Test PRI-SEC
1250
VAC
Frequency Response
200 Hz to 4 kHz
+0.25 dB
Insertion Loss at 1 kHz
2.0 +0.25 dB
1 of 1
11/3/99
T-600
Modem Coupling Transformer
Schematic Diagram
Turns Ratio (
+ 3 % )
1 : 1
Physical
Dimensions
inches (mm)
1
2
4
3
Compatible with 56 kb/s technologies
Low distortion, specifically designed for
use from V.32bis through V.34
Flat Frequency/phase response
1
2
3
4
3
4
1
2
.880
(22.35)
.450
(11.43)
Bottom
View
.550
(14.0)
.450
(11.4)
1.03
(26.16)
MAX.


Similar Part No. - T-600

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
T-60 TOTAL-POWER-T-60 Datasheet
34Kb / 1P
   T60 AC-DC 60W POWER SUPPLY
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
386Kb / 2P
   60W Triple Output Switching Power Supply
logo
RSG Electronic Componen...
T-60 RSG-T-60 Datasheet
163Kb / 2P
   60W Triple Output Switching Power Supply
logo
Mean Well Enterprises C...
T-60 MEANWELL-T-60 Datasheet
394Kb / 2P
   60W Triple Output Switching Power Supply
logo
Rhombus Industries Inc.
T-60100 RHOMBUS-IND-T-60100 Datasheet
26Kb / 1P
   Standard EI PC Power Transformers
More results

Similar Description - T-600

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1076 RHOMBUS-IND-T-1076 Datasheet
21Kb / 1P
   Modem Coupling Transformer
T-31100 RHOMBUS-IND-T-31100 Datasheet
19Kb / 1P
   Modem Coupling Transformer
T-33000 RHOMBUS-IND-T-33000 Datasheet
55Kb / 2P
   Modem Coupling & Voiceband Transformers
T-1160 RHOMBUS-IND-T-1160 Datasheet
23Kb / 1P
   COUPLING TRANSFORMER
logo
Allied Components Inter...
AEI14-4440 ALLIED-AEI14-4440 Datasheet
905Kb / 1P
   Coupling Transformer
logo
LinkCom Manufacturing C...
LCT0158-70 LINKCOM-LCT0158-70 Datasheet
34Kb / 1P
   Coupling Transformer
LCT0156-70 LINKCOM-LCT0156-70 Datasheet
54Kb / 1P
   Coupling Transformer
logo
Micro Electronics
PET-1823 MICRO-ELECTRONICS-PET-1823 Datasheet
405Kb / 2P
   MODEM TRANSFORMER
logo
XFMRS Inc.
X16P021A XFMRS-X16P021A Datasheet
47Kb / 1P
   MODEM TRANSFORMER
XFTEL5 XFMRS-XFTEL5 Datasheet
58Kb / 1P
   MODEM TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com