Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-13616 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-13616
Description  T1 / CEPT / ISDN-PRI Reinforced Insulation
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-13616 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-13616 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
T60950 - 2/98
9
Part
Number
Electrical Specifications 1,2 at 25OC
T-13611
1:1:2
0.8
25
0.80
0.7
0.7
D
1-5 (3)
T-13612
1CT:2CT
1.2
30
0.55
0.7
1.1
C
1-5
T-13613
1:1
1.2
30
0.80
0.7
0.7
F
1-5
T-13614
1CT:2CT
1.2
30
0.55
0.7
1.1
C
1-5
T-13615
1CT:3CT:1
0.6
30
0.80
0.7
1.7
E
1-3
T-13616
1:1.08/1.36
1.5
20
0.60
0.7
0.9
B
10-6
T-13617
1:1.14CT
1.5
30
0.70
0.7
0.9
B
10-6
T-13618
1:1:1.58
0.8
18
0.70
0.7
0.5
D
1-5 (3)
T-13619
1:1:1
1.2
50
1.20
1.1
1.1
G
T-13620
1CT:1
1.2
25
0.8
0.7
0.7
B
1-5
T-13621
1CT:2CT
1.2
30
0.55
0.7
1.1
C
10-6
T-13623
1:2CT
1.2
40
0.5
0.7
1.1
A
1-5
T-13624
1:2.3CT
1.2
35
0.8
0.7
1.15
A
1-5
T-13633
1:1/1.26
1.5
35
0.60
0.7
1.1
B
10-6
T-13634
1:1.58/2
1.5
20
0.70
0.7
1.2
B
10-6
T-13635
1:1.36CT
1.2
35
0.60
0.7
0.9
B
10-6
Turns
Ratio
( + 5% )
Pri-Sec
C
W/W max.
( pF )
Leakage
L
L max.
(
µH )
Pri.
DCR max.
(
Ω )
Sec.
DCR max.
(
Ω )
Schem.
Style
Primary
Pins
OCL
min.
( mH )
1.
All Transformers have ET-Product of 10 V-
µsec min.
2.
OCL Measured at Primary @100KHz & 20mV
3.
For Schematic D, Primary measured with Pins 2 & 4 shorted.
Schematic "B"
Schematic "A"
Schematic "C"
Schematic "D"
Schematic "E"
Schematic "F"
Schematic "G"
For T1/CEPT/ISDN-PRI Telecom Applications
Designed to meet CCITT and FCC Requirements
Reinforced Insulation per EN 41003/EN 60950
3000 V
RMS minimum Isolation.
T1 / CEPT / ISDN-PRI
Reinforced Insulation
Dimensions in Inches (mm)
Note: Per Schematic Diagrams,
unused leads are removed.


Similar Part No. - T-13616

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-13612 RHOMBUS-IND-T-13612 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-13612G RHOMBUS-IND-T-13612G Datasheet
25Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-13613 RHOMBUS-IND-T-13613 Datasheet
24Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-13613G RHOMBUS-IND-T-13613G Datasheet
23Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
T-13614 RHOMBUS-IND-T-13614 Datasheet
31Kb / 1P
   T1/CEPT/ISDN PRI INTERFACE TRANSFORMER
More results

Similar Description - T-13616

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XF8006-11 XFMRS-XF8006-11 Datasheet
51Kb / 1P
   T1/CEPT/ISDN-PRI TRANSFORMERS Reinforced Insulation, 3 KVrms
logo
Premier Magnetics, Inc.
PM-T1030 PMI-PM-T1030 Datasheet
55Kb / 2P
   T1/CEPT/ISDN-PRI 3KV - REINFORCED SMD TRANSFORMERS
logo
XFMRS Inc.
XF0013Q4AIT XFMRS-XF0013Q4AIT_15 Datasheet
89Kb / 1P
   T1/CEPT/ISDN-PRI
XF0013T8 XFMRS-XF0013T8_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E1 XFMRS-XF0023E1_15 Datasheet
44Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E9 XFMRS-XF0023E9_15 Datasheet
41Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E12 XFMRS-XF0023E12_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E2 XFMRS-XF0023E2_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E4 XFMRS-XF0023E4_15 Datasheet
33Kb / 1P
   T1/CEPT/ISDN-PRI
XF0023E13 XFMRS-XF0023E13_15 Datasheet
43Kb / 1P
   T1/CEPT/ISDN-PRI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com