Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT30SM-12 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CT30SM-12
Description  GENERAL INVERTER . UPS USE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CT30SM-12 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CT30SM-12 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CT30SM-12 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CT30SM-12 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feb.1999
MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR
CT30SM-12
GENERAL INVERTER • UPS USE
0
4
8
12
16
20
0
20406080
100
VCC = 200V
300V
0
1
2
3
4
5
0
1020304050
VGE = 15V
Tj = 25°C
0
10
20
30
40
50
0
4
8
12
16
20
VCE = 10V
Tj = 25°C
101
102
2
3
5
7
103
2
3
5
7
104
2
3
5
7
100
35 7
2
101
35 7
2
102
35 7
3
2
Tj = 25°C
VGE = 0V
f = 1MHZ
Cies
Coes
Cres
10–5
10–3
7
5
3
2
10–2
7
5
3
2
10–1
7
5
3
2
100
23 5 7
23 5 7
10–1
23 5 7
10–2
10–3
100 23 5 7101
10–3
7
5
7
5
3
2
10–2
3
2
23 5 7
10–3
23 5 7
10–4
100
101
23
5 7
102
23
5 7
101
102
2
3
5
7
103
2
3
5
7
td(off)
td(on)
tf
tr
Tj = 25°C
VCC = 300V
VGE = 15V
RG = 20
COLLECTOR-EMITTER SATURATION
VOLTAGE CHARACTERISTICS
(TYPICAL)
COLLECTOR CURRENT IC (A)
SWITCHING TIME-COLLECTOR
CURRENT CHARACTERISTIC
(TYPICAL)
COLLECTOR CURRENT IC (A)
GATE CHARGE Qg (nc)
GATE-EMITTER VOLTAGE
VS. GATE CHARGE CHARACTERISTIC
(TYPICAL)
COLLECTOR CURRENT VS.
GATE EMITTER VOLTAGE CHARACTERISTIC
(TYPICAL)
GATE-EMITTER VOLTAGE VGE (V)
CAPACITANCE VS.
COLLECTOR-EMITTER VOLTAGE CHARACTERISTIC
(TYPICAL)
COLLECTOR-EMITTER VOLTAGE VCE (V)
PULSE WIDTH tw (s)
TRANSIENT THERMAL
IMPEDANCE CHARACTERISTICS
(TYPICAL)


Similar Part No. - CT30SM-12

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CT30SM-12 POWEREX-CT30SM-12 Datasheet
40Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Renesas Technology Corp
CT30SM-12 RENESAS-CT30SM-12 Datasheet
64Kb / 4P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER - UPS USE
CT30SM-12 RENESAS-CT30SM-12_15 Datasheet
88Kb / 6P
   GENERAL INVERTER ??UPS USE
More results

Similar Description - CT30SM-12

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CT15SM-24 POWEREX-CT15SM-24 Datasheet
41Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Renesas Technology Corp
CT75AM-12 RENESAS-CT75AM-12_15 Datasheet
89Kb / 6P
   GENERAL INVERTER ??UPS USE
logo
Powerex Power Semicondu...
CT75AM-12 POWEREX-CT75AM-12 Datasheet
42Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Mitsubishi Electric Sem...
CT15SM-24 MITSUBISHI-CT15SM-24 Datasheet
37Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Renesas Technology Corp
CT15SM-24 RENESAS-CT15SM-24_15 Datasheet
88Kb / 6P
   GENERAL INVERTER ??UPS USE
CT30SM-12 RENESAS-CT30SM-12_15 Datasheet
88Kb / 6P
   GENERAL INVERTER ??UPS USE
logo
Mitsubishi Electric Sem...
CT75AM-12 MITSUBISHI-CT75AM-12 Datasheet
38Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Powerex Power Semicondu...
CT30SM-12 POWEREX-CT30SM-12 Datasheet
40Kb / 3P
   GENERAL INVERTER . UPS USE
logo
Renesas Technology Corp
CT15SM-24 RENESAS-CT15SM-24 Datasheet
65Kb / 4P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER - UPS USE
CT75AM-12 RENESAS-CT75AM-12 Datasheet
65Kb / 4P
   MITSUBISHI INSULATED GATE BIPOLAR TRANSISTOR GENERAL INVERTER - UPS USE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com