Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-12262 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-12262
Description  Wideband RF Impedance Matching Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-12262 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-12262 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.rhombus-ind.com
TEL: (714) 898-0960
sales@rhombus-ind.com
FAX: (714) 896-0971
6SHFLILFDWLRQV VXEMHFW WR FKDQJH ZLWKRXW QRWLFH
)RU RWKHU YDOXHV&XVWRP 'HVLJQV FRQWDFW IDFWRU\
UKRPEXV LQGXVWULHV LQF
RFHV 2001-01
Schematic "E"
Schematic "D"
Schematic "C"
Schematic "B"
DIP Part
Impedance
Frequency Range (MHz)
Schematic
Number
Ratio
Insertion Loss 3 dB
Insertion Loss 2 dB
Insertion Loss 1 dB
Style
T-12250
1:1
.050-200
.080-150
.20-80
D
T-12251
1:1
.003-300
.010-150
.02-50
D
T-12252
2:1
.070-200
.100-100
.50-50
D
T-12253
2.5:1
.010-100
.020-50
.05-20
D
T-12254
3:1
.050-250
.100-200
.50-70
D
T-12255
4:1
.200-350
.350-300
2-100
D
T-12256
4:1
.020-250
.050-150
.10-100
D
T-12257
5:1
.300-300
.600-200
.50-100
D
T-12258
8:1
.030-140
.100-90
1-60
D
T-12259
13:1
.300-120
.700-80
5-20
D
T-12260
16:1
.030-75
.060-30
10-20
D
T-12261
1:1
.150-400
.350-200
2-50
B
T-12262
1:1
.010-150
.020-100
.005-50
B
T-12263
1.5:1
.100-300
.200-150
.50-80
B
T-12264
1.5:1
.020-100
.050-50
.10-25
B
T-12265
2.5:1
.010-100
.020-50
.05-20
B
T-12266
4:1
.020-200
.050-150
.10-100
B
T-12267
9:1
.150-200
.300-150
2-40
B
T-12268
16:1
.300-120
.700-80
.50-20
B
T-12269
36:1
.030-20
.050-10
.10-5
B
T-12270
1:1
.004-500
.020-200
.10-50
C
T-12271
1.5:1
.075-500
.200-100
.10-50
C
T-12272
2.5:1
.010-50
.025-25
.05-10
C
T-12273
4:1
.050-200
.200-50
1-30
C
T-12274
25:1
.020-30
.050-20
.10-10
C
Schematic "A"
.200
(5.08)
MAX.
.020
(0.38)
.315
(8.00)
MAX.
.038
(0.96)
TYP.
.100
(2.54)
TYP.
TYP.
.405 (10.29)
.425 (10.80)
.270
(6.86)
.286
(7.27)
.010
(0.25)
TYP.
6-Pin SMD: T-122XXG
.205
(5.21)
MAX.
(0.30)
TYP.
.012
.315
(8.00)
MAX.
.120
(3.05)
MIN.
.300
(7.62)
.285
(7.24)
MAX.
.020
(0.51)
TYP.
.100
(2.54)
TYP.
.050
(1.27)
TYP.
.010
(0.25)
TYP.
.008 R
(0.20)
.365
(9.27)
MAX.
6-Pin
DIP
Add "G" to P/N for SMD
Tape & Reel available
Impedance
Pri. Ind.
Rise
L
L
Pri./Sec.
Pri. DCR
Sec. DCR
-3 dB Loss BW
DIP
Ratio
Schem.
min.
Time max.
max.
C
W/W max.
max.
max.
Low
High
Part No.
(
+ 5%)
Style
(
µH )
( ns )
(
µH )
( pF )
(
Ω )( Ω )MHz
MHz
T-12201
1:1
B
80
2.2
0.15
12
0.20
0.20
0.05
110
T-12202
1CT:1CT
C
80
3.0
0.18
15
0.20
0.20
0.05
90
T-12203
1:1CT
D
80
3.0
0.18
15
0.20
0.20
0.05
90
T-12204
1:1:1
A
40
2.0
0.10
12
0.16
0.16
0.10
150
T-12205
1:4
B
40
3.0
0.14
15
0.20
0.30
0.10
110
T-12206
1:4CT
D
40
3.0
0.14
15
0.20
0.30
0.10
110
T-12207
1:2
B
80
4.0
0.30
18
0.20
0.30
0.05
50
T-12208
1:2CT
D
80
3.0
0.20
18
0.20
0.30
0.05
80
T-12209
1:16
B
20
6.0
0.10
10
0.20
0.60
0.20
60
T-12210
1:16CT
D
20
6.0
0.10
10
0.20
0.60
0.20
60
Electrical Specifications at 25o C
Wideband RF Impedance Matching Transformers
Designed for use in 50
Ω Impedance RF, and Fast Rise Time, Pulse Applications.
Isolation 1500V
RMS minimum
Operating Temperature Range: +0 to +70 oC
NEW VERSION HIGH ISOLATION 1500V
RMS minimum


Similar Part No. - T-12262

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-1226G RHOMBUS-IND-T-1226G Datasheet
23Kb / 1P
   xDSL TRANSFORMER
More results

Similar Description - T-12262

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-12001 RHOMBUS-IND-T-12001 Datasheet
39Kb / 1P
   Wideband RF Impedance Matching Transformers
logo
JFW Industries, Inc.
57ZT JFW-57ZT Datasheet
48Kb / 1P
   Impedance Matching Transformers
logo
Rhombus Industries Inc.
T-12201G RHOMBUS-IND-T-12201G Datasheet
27Kb / 1P
   Wideband Impedance Matching Transformer
T-1424 RHOMBUS-IND-T-1424 Datasheet
18Kb / 1P
   Wideband Impedance Matching Transformer
T-12077G RHOMBUS-IND-T-12077G Datasheet
18Kb / 1P
   Wideband Impedance Matching Transformer
logo
EPCOS
B78408A1227A003 EPCOS-B78408A1227A003 Datasheet
88Kb / 4P
   RF transformers Matching transformer
logo
Bel Fuse Inc.
A553-1506-6E BEL-A553-1506-6E Datasheet
227Kb / 1P
   TOKENRINGTRANSFORMERS IMPEDANCE MATCHING AND ISOLATION TRANSFORMERS
logo
XFMRS Inc.
XFWB0976-DO XFMRS-XFWB0976-DO Datasheet
43Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0776-AO XFMRS-XFWB0776-AO Datasheet
40Kb / 1P
   RF WIDEBAND TRANSFORMERS
XFWB0966-CN XFMRS-XFWB0966-CN Datasheet
38Kb / 1P
   RF WIDEBAND TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com