Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T-20012 Datasheet(PDF) 1 Page - Rhombus Industries Inc.

Part # T-20012
Description  SCR Trigger and Control Transformers
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOMBUS-IND [Rhombus Industries Inc.]
Direct Link  http://www.rhombus-ind.com
Logo RHOMBUS-IND - Rhombus Industries Inc.

T-20012 Datasheet(HTML) 1 Page - Rhombus Industries Inc.

  T-20012 Datasheet HTML 1Page - Rhombus Industries Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For other values & Custom Designs, contact factory.
Specifications subject to change without notice.
15801 Chemical Lane, Huntington Beach, CA 92649-1595
Tel: (714) 898-0960 • Fax: (714) 896-0971
Rhombus
Industries Inc.
38
SCRTRIG - 7/97
Pkg.
Style
B
Pkg.
Style
A
Physical Dimensions in Inches (mm). Note: For 2 Winding configuration, only 4 corner leads are used.
High E-T Product for long Pulse Width Applications
Low Interwinding Capacitance
Hi-Pot Test Voltages 1600 to 2400 Vrms
Wide Variety of Inductances and Winding Configurations
Electrical Specifications at 25OC
L
Turns
E-T
C
W/W
L
L
DCR
Pri
DCR
Sec
Hi-Pot
Part
min.
Ratio
min.
max.
max.
max.
max.
min.
Pkg/
Number
( mH )
+ 10% ( V-µS ) ( pF )
(
µH )
(
Ω )( Ω )( V
RMS )
Style
T-20000
0.20
1:1
180
24
3.2
1.4
1.5
1600
A
T-20001
1.00
1:1
360
30
15.0
2.8
3.1
1600
A
T-20002
5.00
1:1
866
36
64.0
6.0
7.5
1600
A
T-20003
0.20
2:1
180
24
5.0
1.4
0.9
1600
A
T-20004
1.00
2:1
360
30
13.0
2.8
1.8
1600
A
T-20005
5.00
2:1
866
36
65.0
6.0
3.6
1600
A
T-20006
0.20
1:1:1
180
30
5.0
1.4
1.5
1600
A
T-20007
1.00
1:1:1
360
36
12.0
2.8
3.6
1600
A
T-20008
5.00
1:1:1
866
42
80.0
6.0
7.2
1600
A
T-20009
0.20
2:1:1
180
30
4.1
1.4
1.0
1600
A
T-20010
1.00
2:1:1
360
36
30.0
2.8
2.0
1600
A
T-20011
5.00
2:1:1
866
42
80.0
6.0
3.8
1600
A
T-20012
0.20
1:1
290
30
6.2
1.4
1.5
2400
B
T-20013
1.00
1:1
700
36
26.0
3.0
3.2
2400
B
T-20014
5.00
1:1
1500
42
130.0
6.3
7.0
2400
B
T-20015
0.20
2:1
290
30
8.9
1.4
1.0
2400
B
T-20016
1.00
2:1
700
36
24.0
3.0
2.0
2400
B
T-20017
5.00
2:1
1500
42
125.0
6.3
4.0
2400
B
T-20018
0.20
1:1:1
290
34
4.7
1.4
1.5
2400
B
T-20019
1.00
1:1:1
700
40
25.0
3.0
3.3
2400
B
T-20020
5.00
1:1:1
1500
46
174.0
6.3
7.5
2400
B
T-20021
0.20
2:1:1
290
34
6.0
1.4
1.0
2400
B
T-20022
1.00
2:1:1
700
40
27.0
3.0
2.0
2400
B
T-20023
5.00
2:1:1
1500
46
160.0
6.3
4.0
2400
B
T-20026
5.00
1:1
2000
3500
25.0
18.0
18.0
1600
B
T-20027
1.00
1:1
2000
2000
12.0
8.0
8.0
1600
B
T-20028
0.20
1:1
2000
800
3.0
1.5
1.5
1600
B
T-20029
1.00
2:1
2000
1300
15.0
10.0
2.0
1600
B
T-20030
5.00
5:1
2000
400
1500.0
19.0
3.0
1600
B
T-20031
5.00
1:1:1
2000
3500
50.0
27.0
27.0
1600
B
T-20032
1.00
1:1:1
2000
2000
12.0
10.0
10.0
1600
B
T-20033
0.20
1:1:1
2000
800
4.0
2.0
2.0
1600
B
T-20034
1.00
2:1:1
2000
1300
15.0
10.0
2.0
1600
B
T-20035
5.00
5:1:1
2000
400
1000.0
20.0
4.0
1600
B
3 Winding
Schematic Diagram
2 Winding
Schematic Diagram
SCR Trigger
and Control
Transformers


Similar Part No. - T-20012

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
T-20015 RHOMBUS-IND-T-20015 Datasheet
25Kb / 1P
   SCR Trigger & Control Transformer
More results

Similar Description - T-20012

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PT-50 VISHAY-PT-50_07 Datasheet
89Kb / 3P
   Transformers Trigger, SCR Isolation
Revision: 10-Aug-06
PT-50 VISHAY-PT-50 Datasheet
130Kb / 1P
   Transformers Trigger, SCR Isolation
Revision 11-Dec-02
logo
Rhombus Industries Inc.
T-20001 RHOMBUS-IND-T-20001 Datasheet
26Kb / 1P
   SCR Trigger & Control Transformer
T-20036 RHOMBUS-IND-T-20036 Datasheet
25Kb / 1P
   SCR Trigger & Control Transformer
T-20015 RHOMBUS-IND-T-20015 Datasheet
25Kb / 1P
   SCR Trigger & Control Transformer
T-20007 RHOMBUS-IND-T-20007 Datasheet
22Kb / 1P
   SCR Trigger & Control Transformer
T-20021 RHOMBUS-IND-T-20021 Datasheet
22Kb / 1P
   SCR Trigger & Control Transformer
logo
Vishay Siliconix
PT50 VISHAY-PT50 Datasheet
198Kb / 3P
   Through Hole Transformers Trigger, SCR Isolation
Revision: 16-Dec-09
PT050EB101 VISHAY-PT050EB101 Datasheet
198Kb / 3P
   Through Hole Transformers Trigger, SCR Isolation
Revision: 16-Dec-09
logo
PCA ELECTRONICS INC.
EPC3171 PCA-EPC3171 Datasheet
37Kb / 1P
   SCR Trigger Transformer
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com