Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L3205DM2I-12G Datasheet(PDF) 14 Page - Macronix International

Part # MX25L3205DM2I-12G
Description  16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3205DM2I-12G Datasheet(HTML) 14 Page - Macronix International

Back Button MX25L3205DM2I-12G Datasheet HTML 10Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 11Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 12Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 13Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 14Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 15Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 16Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 17Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 18Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
14
MX25L1605D
MX25L3205D
MX25L6405D
P/N: PM1290
REV. 1.4, OCT. 01, 2008
Block
95
1535
..
.
..
.
..
.
1520
5FF000h
5F0000h
5FFFFFh
5F0FFFh
Sector
Address Range
94
1519
..
.
..
.
..
.
1504
5EF000h
5E0000h
5EFFFFh
5E0FFFh
93
1503
..
.
..
.
..
.
1488
5DF000h
5D0000h
5DFFFFh
5D0FFFh
92
1487
..
.
..
.
..
.
1472
5CF000h
5C0000h
5CFFFFh
5C0FFFh
91
1471
..
.
..
.
..
.
1456
5BF000h
5B0000h
5BFFFFh
5B0FFFh
90
1455
..
.
..
.
..
.
1440
5AF000h
5A0000h
5AFFFFh
5A0FFFh
89
1439
..
.
..
.
..
.
1424
59F000h
590000h
59FFFFh
590FFFh
88
1423
..
.
..
.
..
.
1408
58F000h
580000h
58FFFFh
580FFFh
87
1407
..
.
..
.
..
.
1392
57F000h
570000h
57FFFFh
570FFFh
86
1391
..
.
..
.
..
.
1376
56F000h
560000h
56FFFFh
560FFFh
85
1375
..
.
..
.
..
.
1360
55F000h
550000h
55FFFFh
550FFFh
84
1359
..
.
..
.
..
.
1344
54F000h
540000h
54FFFFh
540FFFh
83
1343
..
.
..
.
..
.
1328
53F000h
530000h
53FFFFh
530FFFh
82
1327
..
.
..
.
..
.
1312
52F000h
520000h
52FFFFh
520FFFh
81
1311
..
.
..
.
..
.
1296
51F000h
510000h
51FFFFh
510FFFh
80
1295
..
.
..
.
..
.
1280
50F000h
500000h
50FFFFh
500FFFh
Block
79
1279
..
.
..
.
..
.
1264
4FF000h
4F0000h
4FFFFFh
4F0FFFh
Sector
Address Range
78
1263
..
.
..
.
..
.
1248
4EF000h
4E0000h
4EFFFFh
4E0FFFh
77
1247
..
.
..
.
..
.
1232
4DF000h
4D0000h
4DFFFFh
4D0FFFh
76
1231
..
.
..
.
..
.
1216
4CF000h
4C0000h
4CFFFFh
4C0FFFh
75
1215
..
.
..
.
..
.
1200
4BF000h
4B0000h
4BFFFFh
4B0FFFh
74
1119
..
.
..
.
..
.
1184
4AF000h
4A0000h
4AFFFFh
4A0FFFh
73
1183
..
.
..
.
..
.
1168
49F000h
490000h
49FFFFh
490FFFh
72
1167
..
.
..
.
..
.
1152
48F000h
480000h
48FFFFh
480FFFh
71
1151
..
.
..
.
..
.
1136
47F000h
470000h
47FFFFh
470FFFh
70
1135
..
.
..
.
..
.
1120
46F000h
460000h
46FFFFh
460FFFh
69
1119
..
.
..
.
..
.
1104
45F000h
450000h
45FFFFh
450FFFh
68
1103
..
.
..
.
..
.
1088
44F000h
440000h
44FFFFh
440FFFh
67
1087
..
.
..
.
..
.
1072
43F000h
430000h
43FFFFh
430FFFh
66
1071
..
.
..
.
..
.
1056
42F000h
420000h
42FFFFh
420FFFh
65
1055
..
.
..
.
..
.
1040
41F000h
410000h
41FFFFh
410FFFh
64
1039
..
.
..
.
..
.
1024
40F000h
400000h
40FFFFh
400FFFh


Similar Part No. - MX25L3205DM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20 MCNIX-MX25L3205AMC-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20G MCNIX-MX25L3205AMC-20G Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMI-20 MCNIX-MX25L3205AMI-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
More results

Similar Description - MX25L3205DM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1608E MCNIX-MX25L1608E Datasheet
598Kb / 46P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1636E MCNIX-MX25L1636E Datasheet
709Kb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1606EZUI-12G MCNIX-MX25L1606EZUI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com