Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L3205DM2I-12G Datasheet(PDF) 11 Page - Macronix International

Part # MX25L3205DM2I-12G
Description  16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L3205DM2I-12G Datasheet(HTML) 11 Page - Macronix International

Back Button MX25L3205DM2I-12G Datasheet HTML 7Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 8Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 9Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 10Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 11Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 12Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 13Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 14Page - Macronix International MX25L3205DM2I-12G Datasheet HTML 15Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 56 page
background image
11
MX25L1605D
MX25L3205D
MX25L6405D
P/N: PM1290
REV. 1.4, OCT. 01, 2008
Table 5-2. Memory Organization (32Mb)
Block
63
1023
..
.
..
.
..
.
1008
3FF000h
3F0000h
3FFFFFh
3F0FFFh
Sector
Address Range
62
1007
..
.
..
.
..
.
992
3EF000h
3E0000h
3EFFFFh
3E0FFFh
61
991
..
.
..
.
..
.
976
3DF000h
3D0000h
3DFFFFh
3D0FFFh
60
975
..
.
..
.
..
.
960
3CF000h
3C0000h
3CFFFFh
3C0FFFh
59
959
..
.
..
.
..
.
944
3BF000h
3B0000h
3BFFFFh
3B0FFFh
58
943
..
.
..
.
..
.
928
3AF000h
3A0000h
3AFFFFh
3A0FFFh
57
927
..
.
..
.
..
.
912
39F000h
390000h
39FFFFh
390FFFh
56
911
..
.
..
.
..
.
896
38F000h
380000h
38FFFFh
380FFFh
55
895
..
.
..
.
..
.
880
37F000h
370000h
37FFFFh
370FFFh
54
879
..
.
..
.
..
.
864
36F000h
360000h
36FFFFh
360FFFh
53
863
..
.
..
.
..
.
848
35F000h
350000h
35FFFFh
350FFFh
52
847
..
.
..
.
..
.
832
34F000h
340000h
34FFFFh
340FFFh
51
831
..
.
..
.
..
.
816
33F000h
330000h
33FFFFh
330FFFh
50
815
..
.
..
.
..
.
800
32F000h
320000h
32FFFFh
320FFFh
49
799
..
.
..
.
..
.
784
31F000h
310000h
31FFFFh
310FFFh
48
783
..
.
..
.
..
.
768
30F000h
300000h
30FFFFh
300FFFh
Block
47
767
..
.
..
.
..
.
752
2FF000h
2F0000h
2FFFFFh
2F0FFFh
Sector
Address Range
46
751
..
.
..
.
..
.
736
2EF000h
2E0000h
2EFFFFh
2E0FFFh
45
735
..
.
..
.
..
.
720
2DF000h
2D0000h
2DFFFFh
2D0FFFh
44
719
..
.
..
.
..
.
704
2CF000h
2C0000h
2CFFFFh
2C0FFFh
43
703
..
.
..
.
..
.
688
2BF000h
2B0000h
2BFFFFh
2B0FFFh
42
687
..
.
..
.
..
.
672
2AF000h
2A0000h
2AFFFFh
2A0FFFh
41
671
..
.
..
.
..
.
656
29F000h
290000h
29FFFFh
290FFFh
40
655
..
.
..
.
..
.
640
28F000h
280000h
28FFFFh
280FFFh
39
639
..
.
..
.
..
.
624
27F000h
270000h
27FFFFh
270FFFh
38
623
..
.
..
.
..
.
608
26F000h
260000h
26FFFFh
260FFFh
37
607
..
.
..
.
..
.
592
25F000h
250000h
25FFFFh
250FFFh
36
591
..
.
..
.
..
.
576
24F000h
240000h
24FFFFh
240FFFh
35
575
..
.
..
.
..
.
560
23F000h
230000h
23FFFFh
230FFFh
34
559
..
.
..
.
..
.
544
22F000h
220000h
22FFFFh
220FFFh
33
543
..
.
..
.
..
.
528
21F000h
210000h
21FFFFh
210FFFh
32
527
..
.
..
.
..
.
512
20F000h
200000h
20FFFFh
200FFFh


Similar Part No. - MX25L3205DM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L3205 MCNIX-MX25L3205 Datasheet
481Kb / 45P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205A MCNIX-MX25L3205A Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20 MCNIX-MX25L3205AMC-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMC-20G MCNIX-MX25L3205AMC-20G Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
MX25L3205AMI-20 MCNIX-MX25L3205AMI-20 Datasheet
954Kb / 46P
   32M-BIT [x 1] CMOS SERIAL eLiteFlashTM MEMORY
More results

Similar Description - MX25L3205DM2I-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L1608E MCNIX-MX25L1608E Datasheet
598Kb / 46P
   16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L1636E MCNIX-MX25L1636E Datasheet
709Kb / 49P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635E MCNIX-MX25L1635E Datasheet
691Kb / 48P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1635D MCNIX-MX25L1635D Datasheet
736Kb / 50P
   16M-BIT [x 1/x 2/x 4] CMOS SERIAL FLASH
MX25L1606EZUI-12G MCNIX-MX25L1606EZUI-12G Datasheet
1Mb / 60P
   3V, 16M-BIT [x 1/x 2] CMOS SERIAL FLASH MEMORY
MX25L1602 MCNIX-MX25L1602 Datasheet
406Kb / 24P
   16M-BIT [16M x 1] CMOS SERIAL FLASH EEPROM
MX25L6406E MCNIX-MX25L6406E Datasheet
1Mb / 60P
   64M-BIT [x 1 / x 2] CMOS SERIAL FLASH
MX25L3206EM2 MCNIX-MX25L3206EM2 Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
logo
Generalplus Technology ...
GPR25L005E GENERALPLUS-GPR25L005E Datasheet
855Kb / 38P
   512K-Bit [x 1/x 2] CMOS Serial Flash
logo
Macronix International
MX25L3206EZUI-12G MCNIX-MX25L3206EZUI-12G Datasheet
1Mb / 59P
   32M-BIT [x 1 / x 2] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com