Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


MX25L3205DM2I-12G Datasheet(PDF) 7 Page - Macronix International

Part No. MX25L3205DM2I-12G
Description  16M-BIT [x 1 / x 2] CMOS SERIAL FLASH
Download  56 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MCNIX [Macronix International]
Homepage  http://www.macronix.com
Logo 

 7 page
background image
7
MX25L1605D
MX25L3205D
MX25L6405D
P/N: PM1290
REV. 1.4, OCT. 01, 2008
II. Additional 512-bit secured OTP for unique identifier: to provide 512-bit one-time program area for setting device
unique serial number - Which may be set by factory or system customer. Please refer to table 3. 512-bit secured OTP
definition.
- Security register bit 0 indicates whether the chip is locked by factory or not.
- To program the 512-bit secured OTP by entering 512-bit secured OTP mode (with ENSO command), and going through
normal program procedure, and then exiting 512-bit secured OTP mode by writing EXSO command.
- Customer may lock-down the customer lockable secured OTP by writing WRSCUR(write security register) command
to set customer lock-down bit1 as "1". Please refer to table of "security register definition" for security register bit
definition and table of "512-bit secured OTP definition" for address range definition.
- Note: Once lock-down whatever by factory or customer, it cannot be changed any more. While in 512-bit secured OTP
mode, array access is not allowed.
Table 3. 512-bit Secured OTP Definition
Table 2. Protected Area Sizes
Address range
Size
Standard
Customer Lock
Factory Lock
xxxx00~xxxx0F
128-bit
ESN (electrical serial number)
Determined by customer
xxxx10~xxxx3F
384-bit
N/A
BP3 BP2 BP1 BP0 16Mb
00
0
0
0(none)
00
0
1
1(1block, block 31th)
00
1
0
2(2blocks, block 30th-31th)
00
1
1
3(4blocks, block 28th-31th)
01
0
0
4(8blocks, block 24th-31th)
01
0
1
5(16blocks, block 16th-31th)
01
1
0
6(32blocks, all)
01
1
1
7(32blocks, all)
10
0
0
8(32blocks, all)
10
0
1
9(32blocks, all)
10
1
0
10(16blocks, block 0th-15th)
1
0
1
1
11(24blocks, block 0th-23th)
11
0
0
12(28blocks, block 0th-27th)
11
0
1
13(30blocks, block 0th-29th)
11
1
0
14(31blocks, block 0th-30th)
11
1
1
15(32blocks, all)
Status bit
Protect Level
32Mb
64Mb
0(none)
1(1block, block 63th)
2(2blocks, block 62th-63th)
3(4blocks, block 60th-63th)
4(8blocks, block 56th-63th)
5(16blocks, block 48th-63th)
6(32blocks, block 32th-63th)
7(64blocks, all)
8(64blocks, all)
9(32blocks, block 0th-31th)
10(48blocks, block 0th-47th)
11(56blocks, block 0th-55th)
12(60blocks, block 0th-59th)
13(62blocks, block 0th-61th)
14(63blocks, block 0th-62th)
15(64blocks, all)
0(none)
1(2blocks, block 126th-127th)
2(4blocks, block 124th-127th)
3(8blocks, block 120th-127th)
4(16blocks, block 112th-127th)
5(32blocks, block 96th-127th)
6(64blocks,block 64th-127th)
7(128blocks, all)
8(128blocks, all)
9(64blocks, block 0th-63th)
10(96blocks, block 0th-95th)
11(112blocks, block 0th-111th)
12(120blocks, block 0th-119th)
13(124blocks, block 0th-123th)
14(126blocks, block 0th-125th)
15(128blocks, all)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
W25P808M-BIT AND 16M-BIT SERIAL FLASH MEMORY 1 2 3 4 5 MoreWinbond
S25FL128P128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI Serial Peripheral Interface Bus 1 2 3 4 5 MoreSPANSION
W25X1616M-BIT 32M-BIT AND 64M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI 1 2 3 4 5 MoreWinbond
LE25FU106BCMOS IC 1M-bit 128K×8 Serial Flash Memory 1 2 3 4 5 MoreSanyo Semicon Device
W25P80_078M-BIT AND 16M-BIT SERIAL FLASH MEMORY 1 2 3 4 5 MoreWinbond
LE25FU406BCMOS IC 4M-bit 512K×8 Serial Flash Memory 1 2 3 4 5 MoreSanyo Semicon Device
MX25L512512K-BIT [x 1] CMOS SERIAL FLASH 1 2 3 4 5 MoreMacronix International
W25Q808M-BIT 16M-BIT AND 32M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI 1 2 3 4 5 MoreWinbond
LE25FW203ACMOS IC 2M-bit 256K×8 Serial Flash Memory 30MHz SPI Bus 1 2 3 4 5 MoreSanyo Semicon Device
MX25L10051M-BIT [x 1] CMOS SERIAL FLASH 1 2 3 4 5 MoreMacronix International

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl