Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MX25L2005MC-15G Datasheet(PDF) 29 Page - Macronix International

Part # MX25L2005MC-15G
Description  2M-BIT [x 1] CMOS SERIAL FLASH
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX25L2005MC-15G Datasheet(HTML) 29 Page - Macronix International

Back Button MX25L2005MC-15G Datasheet HTML 25Page - Macronix International MX25L2005MC-15G Datasheet HTML 26Page - Macronix International MX25L2005MC-15G Datasheet HTML 27Page - Macronix International MX25L2005MC-15G Datasheet HTML 28Page - Macronix International MX25L2005MC-15G Datasheet HTML 29Page - Macronix International MX25L2005MC-15G Datasheet HTML 30Page - Macronix International MX25L2005MC-15G Datasheet HTML 31Page - Macronix International MX25L2005MC-15G Datasheet HTML 32Page - Macronix International MX25L2005MC-15G Datasheet HTML 33Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
29
P/N: PM1239
REV. 1.7, AUG. 15, 2008
MX25L2005
Figure 19. Sector Erase (SE) Sequence (Command 20)
Note: SE command is 20(hex).
Figure 20. Block Erase (BE) Sequence (Command 52 or D8)
Note: BE command is 52 or D8(hex).
24 Bit Address
2
1
3456789
29 30 31
0
76
2
1
0
MSB
SCLK
CS#
SI
20
Command
24 Bit Address
2
1
3456789
29 30 31
0
23 22
2
0
1
MSB
SCLK
CS#
SI
52 or D8
Command


Similar Part No. - MX25L2005MC-15G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2006EM1I-12G MCNIX-MX25L2006EM1I-12G Datasheet
1Mb / 50P
   DATASHEET
MX25L2006EM1I12G MCNIX-MX25L2006EM1I12G Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2006EZNI-12G MCNIX-MX25L2006EZNI-12G Datasheet
1Mb / 50P
   DATASHEET
MX25L2006EZNI12G MCNIX-MX25L2006EZNI12G Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
More results

Similar Description - MX25L2005MC-15G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX25L2026C MCNIX-MX25L2026C Datasheet
1Mb / 41P
   2M-BIT [x 1] CMOS SERIAL FLASH
MX25L2006E MCNIX-MX25L2006E Datasheet
1Mb / 50P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25V2006E MCNIX-MX25V2006E Datasheet
906Kb / 49P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L2026E MCNIX-MX25L2026E Datasheet
629Kb / 48P
   2M-BIT [x 1/x 2] CMOS SERIAL FLASH
MX25L512 MCNIX-MX25L512 Datasheet
1Mb / 39P
   512K-BIT [x 1] CMOS SERIAL FLASH
MX25L4005A MCNIX-MX25L4005A Datasheet
1Mb / 44P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L12805D MCNIX-MX25L12805D Datasheet
425Kb / 42P
   128M-BIT [x 1] CMOS SERIAL FLASH
MX25L4005 MCNIX-MX25L4005 Datasheet
688Kb / 41P
   4M-BIT [x 1] CMOS SERIAL FLASH
MX25L8005 MCNIX-MX25L8005 Datasheet
834Kb / 44P
   8M-BIT [x 1] CMOS SERIAL FLASH
MX25L1005 MCNIX-MX25L1005 Datasheet
541Kb / 40P
   1M-BIT [x 1] CMOS SERIAL FLASH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com